Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 103 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 103 Page - Intel Corporation

Back Button 845GL Datasheet HTML 99Page - Intel Corporation 845GL Datasheet HTML 100Page - Intel Corporation 845GL Datasheet HTML 101Page - Intel Corporation 845GL Datasheet HTML 102Page - Intel Corporation 845GL Datasheet HTML 103Page - Intel Corporation 845GL Datasheet HTML 104Page - Intel Corporation 845GL Datasheet HTML 105Page - Intel Corporation 845GL Datasheet HTML 106Page - Intel Corporation 845GL Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
103
Register Description
3.5.4.2
DRTC—DRAM Read Throttling Control Register (Device 6)
Address Offset
D8h
Default Value
0000000000000000h
Access
R/W, L
Size:
64 bits
Bits
Description
63:41
Intel Reserved.
40:28
Global Read Hexword Threshold (GRHT).
The thirteen-bit value held in this field is multiplied by
2 15 to arrive at the number of hexwords that must be read within the Global DRAM Read Sampling
Window in order to cause the throttling mechanism to be invoked.
27:22
Read Throttle Time (RTT).
This value provides a multiplier between 0 and 63 which specifies how
long Counter based read throttling remains in effect as a number of Global DRAM Read Sampling
Windows. For example, if GDRSW is programmed to 1000_0000b and RTT is set to 01_0000b, then
read throttling will be performed for 8192*105 host clocks (at 100 MHz) seconds once invoked
(128 * 4*105 host clocks * 16).
21:15
Read Throttle Monitoring Window (RTMW).
The value in this register is padded with 4 zeros to
specify a window of 0–2047 host clocks with 16 clock granularity. While the throttling mechanism is
invoked, DRAM reads are monitored during this window. If the number of hexwords read during the
window reaches the Read Throttle Hexword Maximum, read requests are blocked for the remainder
of the window.
14:3
Read Throttle Hexword Maximum (RTHM).
The Read Throttle Hexword Maximum defines the
maximum number of hexwords between 0–4095 which are permitted to be read from DRAM within
one Read Throttle Monitoring Window.
2:1
Read Throttle Mode (RTMode).
00 = Throttling via Counters and Hardware throttle_on signal mechanisms Disabled.
01 = Reserved
10 = Counter mechanism controlled through GDRSW and GRHT is enabled. When the threshold set
in GDRSW and GRHT is reached, throttling start/stop cycles occur based on the settings in
RTT, RTMW, and RTHM.
11 = Reserved
0
START Read Throttle (SRT).
Software writes to this bit to start and stop read throttling.
0 = Read throttling stops and the counters associated with RTMW and RTHM are reset.
1 = Read throttling begins based on the settings in RTMW and RTHM, and remains in effect until
this bit is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com