Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 58 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 58 Page - Intel Corporation

Back Button 845GL Datasheet HTML 54Page - Intel Corporation 845GL Datasheet HTML 55Page - Intel Corporation 845GL Datasheet HTML 56Page - Intel Corporation 845GL Datasheet HTML 57Page - Intel Corporation 845GL Datasheet HTML 58Page - Intel Corporation 845GL Datasheet HTML 59Page - Intel Corporation 845GL Datasheet HTML 60Page - Intel Corporation 845GL Datasheet HTML 61Page - Intel Corporation 845GL Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 193 page
background image
Register Description
58
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.15
GC
—Graphics Control Register (Device 0)
Address Offset:
52h
Default Value:
0000_1000b
Access:
R/W
Size:
8 bits
Bit
Description
7
Reserved. Default = 0
6:4
Graphics Mode Select (GMS)—R/W.
This field is used to select the amount of Main Memory that is
pre-allocated to support the Internal Graphics device in VGA (non-linear) and Native (linear) modes.
These 3 bits are valid only when Internal graphics is enabled.
000 = No memory pre-allocated. Default
001 = Reserved.
010 = DVMT (UMA) mode, 512 KB of memory pre-allocated for frame buffer.
011 = DVMT (UMA) mode, 1 MB of memory pre-allocated for frame buffer.
100 = DVMT (UMA) mode, 8 MB of memory pre-allocated for frame buffer.
All other combinations reserved.
NOTE:
These register bits are locked and become read only when the D_LCK bit in the SMRAM
register is set.
3
Integrated Graphics Disable (IGDIS)—R/W1.
0 = Enable (Internal Graphics is enabled). The GMCH’s Device 1 is disabled such that all
configuration cycles to Device 1 flow through to the hub interface. Also, the Next_Pointer field in
the CAPREG register (Dev 0, Offset E4h) will be RO at 00h.
1 = Disable (Internal Graphics is disabled and AGP Graphics is enabled). (default). The GMCH’s
Device 2 is disabled such that all configuration cycles to Device 2 flow through to the hub
interface.
NOTE:
1. When writing a new value to this bit, a warm reset through the ICH4 must be executed before the
bit becomes effective. This must be enforced by BIOS. However, changing this bit in software
requires a “warm reset”.
2
Internal Graphics IO Aliasing Enable (IGIOALIASEN)—R/W.
0 = Disable (Default). the IGD observes address bits 15:10 (must be all zeros) while decoding VGA
I/O transactions. No VGA IO alias addresses are claimed by the IGD. I/O addresses not
claimed by the IGD (excluding CONFIG_ADDRESS and CONFIG_DATA) subtractively decode
to the hub interface.
1 = Enable. The IGD ignores PSB address bits 15:10 (address bits 9:3 are always decoded) when
decoding VGA IO transactions. Subject to other qualifications documented elsewhere, VGA I/O
alias addresses are claimed by the IGD.
1
IGD VGA Disable (IVD)—R/W.
0 = Enable (Default). IGD claims VGA memory and IO cycles and the Sub-Class Code within
Device 2 Class Code register is 00.
1 = Disable. The IGD does Not claim VGA cycles (Mem and IO), and the Sub-Class Code field
within Device 2 Class Code register is 80h.
0
Graphics Memory Size (GMEMS)—R/W.
This bit controls GMADR register in Device 2
0 = 128 MB (Default)
1 = 64 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com