Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 123 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 123 Page - Intel Corporation

Back Button 845GL Datasheet HTML 119Page - Intel Corporation 845GL Datasheet HTML 120Page - Intel Corporation 845GL Datasheet HTML 121Page - Intel Corporation 845GL Datasheet HTML 122Page - Intel Corporation 845GL Datasheet HTML 123Page - Intel Corporation 845GL Datasheet HTML 124Page - Intel Corporation 845GL Datasheet HTML 125Page - Intel Corporation 845GL Datasheet HTML 126Page - Intel Corporation 845GL Datasheet HTML 127Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
123
Functional Description
GMCH supports 7 types of texture filtering:
• Nearest (aka Point Filtering): Texel with coordinates nearest to the desired pixel is used. (This
is used if only one LOD is present).
• Linear (aka Bilinear Filtering): A weighted average of a 2x2 area of texels surrounding the
desired pixel are used. (This is used if only one LOD is present).
• Nearest MIP Nearest (aka Point Filtering): This is used if many LODs are present. The nearest
LOD is chosen and the texel with coordinates nearest to the desired pixel are used.
• Linear MIP Nearest (Bilinear MIP Mapping): This is used if many LODs are present. The
nearest LOD is chosen and a weighted average of a 2x2 area of texels surrounding the desired
pixel are used (four texels). This is also referred to as Bilinear MIP Mapping.
• Nearest MIP Linear (Point MIP Mapping): This is used if many LODs are present. Two
appropriate LODs are selected and within each LOD the texel with coordinates nearest to the
desired pixel are selected. The Final texture value is generated by linear interpolation between
the two texels selected from each of the MIP Maps.
• Linear MIP Linear (Trilinear MIP Mapping): This is used if many LODs are present. Two
appropriate LODs are selected and a weighted average of a 2x2 area of texels surrounding the
desired pixel in each MIP Map is generated (four texels per MIP Map). The Final texture value
is generated by linear interpolation between the two texels generated for each of the MIP
Maps. Trilinear MIP Mapping is used to minimize the visibility of LOD transitions across the
polygon.
• Anisotropic MIP Nearest (Anisotropic Filtering): This is used if many LODs are present. The
nearest LOD-1 level will be determined for each of four sub-samples for the desired pixel.
These four sub-samples are then bilinear filtered and averaged together.
Both D3D and OGL (Rev.1.1) allow support for all these filtering modes.
Multiple Texture Composition
The GMCH also performs multiple texture composition. This allows the combination of two or
greater MIP Maps to produce a new one with new LODs and texture attributes in a single or
iterated pass.
Flexible vertex format support allows multitexturing because it makes it possible to pass multiple
texture information in the vertex structure.
Cubic Environment Mapping
Environment maps allow applications to render scenes with complex lighting and reflections while
significantly decreasing processor load. There are several methods to generate environment maps
(e.g., spherical, circular, and cubic). The GMCH supports cubic reflection mapping over spherical
and circular since it is the best choice to provide real-time environment mapping for complex
lighting and reflections.
Cubic Mapping requires a texture map for each of the six cube faces. These can be generated by
pointing a camera with a 90-degree field-of-view in the appropriate direction. Per-vertex vectors
(normal, reflection, or refraction) are interpolated across the polygon and the intersection of these
vectors with the cube texture faces is calculated. Texel values are then read from the intersection
point on the appropriate face and filtered accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com