Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 170 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 170 Page - Intel Corporation

Back Button 845GL Datasheet HTML 166Page - Intel Corporation 845GL Datasheet HTML 167Page - Intel Corporation 845GL Datasheet HTML 168Page - Intel Corporation 845GL Datasheet HTML 169Page - Intel Corporation 845GL Datasheet HTML 170Page - Intel Corporation 845GL Datasheet HTML 171Page - Intel Corporation 845GL Datasheet HTML 172Page - Intel Corporation 845GL Datasheet HTML 173Page - Intel Corporation 845GL Datasheet HTML 174Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 193 page
background image
Ballout and Package Information
170
Intel® 82845G/82845GL/82845GV GMCH Datasheet
7.2
Package Information
The GMCH is in a 37.5 mm x 37.5 mm FC-BGA package with 1 mm ball pitch. Figure 7-3 and Figure 7-4
show the package dimensions.
Figure 7-3. Intel® 82845G GMCH Package Dimensions (Top and Side Views)
Units = Millimeters
1.08 ±0.06
Die
0.200
A
Side View
Substrate
0.500 ±0.070
See Detail D
37.50 ±0.050
Top View
37.50 ±0.05
17.9250
16.9500
Detail A
Detail A
Detail B
Detail C
18.75
0.57 ±0.1
0.57 ±0.1
1.5 ±0.05
Detail C
3 x 0.07
Detail D
0.74 ±0.025
0.100 ±0.025
Die Solder
Bumps
Underfill
Epoxy
ϕ 0.6500 ±0.05
ϕ 0.500
Detail A
A
C
0.203
B
ϕ 1.1500 ±0.05
ϕ 1.00
Detail B
A
C
0.203
B
18.75 17.9250
16.9500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com