Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8152C Datasheet HTML 1Page - Richtek Technology Corporation RT8152C Datasheet HTML 2Page - Richtek Technology Corporation RT8152C Datasheet HTML 3Page - Richtek Technology Corporation RT8152C Datasheet HTML 4Page - Richtek Technology Corporation RT8152C Datasheet HTML 5Page - Richtek Technology Corporation RT8152C Datasheet HTML 6Page - Richtek Technology Corporation RT8152C Datasheet HTML 7Page - Richtek Technology Corporation RT8152C Datasheet HTML 8Page - Richtek Technology Corporation RT8152C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RT8152C/D
5
DS8152C/D-04
April 2011
www.richtek.com
VID6 VID5 VID4 VID3 VID2 VID1 VID0
Output
0
0
0
0
0
0
0
1.5000V
0
0
0
0
0
0
1
1.4875V
0
0
0
0
0
1
0
1.4750V
0
0
0
0
0
1
1
1.4625V
0
0
0
0
1
0
0
1.4500V
0
0
0
0
1
0
1
1.4375V
0
0
0
0
1
1
0
1.4250V
0
0
0
0
1
1
1
1.4125V
0
0
0
1
0
0
0
1.4000V
0
0
0
1
0
0
1
1.3875V
0
0
0
1
0
1
0
1.3750V
0
0
0
1
0
1
1
1.3625V
0
0
0
1
1
0
0
1.3500V
0
0
0
1
1
0
1
1.3375V
0
0
0
1
1
1
0
1.3250V
0
0
0
1
1
1
1
1.3125V
0
0
1
0
0
0
0
1.3000V
0
0
1
0
0
0
1
1.2875V
0
0
1
0
0
1
0
1.2750V
0
0
1
0
0
1
1
1.2625V
0
0
1
0
1
0
0
1.2500V
0
0
1
0
1
0
1
1.2375V
0
0
1
0
1
1
0
1.2250V
0
0
1
0
1
1
1
1.2125V
0
0
1
1
0
0
0
1.2000V
0
0
1
1
0
0
1
1.1875V
0
0
1
1
0
1
0
1.1750V
0
0
1
1
0
1
1
1.1625V
0
0
1
1
1
0
0
1.1500V
0
0
1
1
1
0
1
1.1375V
0
0
1
1
1
1
0
1.1250V
0
0
1
1
1
1
1
1.1125V
0
1
0
0
0
0
0
1.1000V
Table 1. IMVP6.5 VID Code Table
VID6 VID5 VID4 VID3 VID2 VID1 VID0
Output
0
1
0
0
0
0
1
1.0875V
0
1
0
0
0
1
0
1.0750V
0
1
0
0
0
1
1
1.0625V
0
1
0
0
1
0
0
1.0500V
0
1
0
0
1
0
1
1.0375V
0
1
0
0
1
1
0
1.0250V
0
1
0
0
1
1
1
1.0125V
0
1
0
1
0
0
0
1.0000V
0
1
0
1
0
0
1
0.9875V
0
1
0
1
0
1
0
0.9750V
0
1
0
1
0
1
1
0.9625V
0
1
0
1
1
0
0
0.9500V
0
1
0
1
1
0
1
0.9375V
0
1
0
1
1
1
0
0.9250V
0
1
0
1
1
1
1
0.9125V
0
1
1
0
0
0
0
0.9000V
0
1
1
0
0
0
1
0.8875V
0
1
1
0
0
1
0
0.8750V
0
1
1
0
0
1
1
0.8625V
0
1
1
0
1
0
0
0.8500V
0
1
1
0
1
0
1
0.8375V
0
1
1
0
1
1
0
0.8250V
0
1
1
0
1
1
1
0.8125V
0
1
1
1
0
0
0
0.8000V
0
1
1
1
0
0
1
0.7875V
0
1
1
1
0
1
0
0.7750V
0
1
1
1
0
1
1
0.7625V
0
1
1
1
1
0
0
0.7500V
0
1
1
1
1
0
1
0.7375V
0
1
1
1
1
1
0
0.7250V
0
1
1
1
1
1
1
0.7125V
1
0
0
0
0
0
0
0.7000V
1
0
0
0
0
0
1
0.6875V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com