Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 15Page - Richtek Technology Corporation RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation RT8152C Datasheet HTML 19Page - Richtek Technology Corporation RT8152C Datasheet HTML 20Page - Richtek Technology Corporation RT8152C Datasheet HTML 21Page - Richtek Technology Corporation RT8152C Datasheet HTML 22Page - Richtek Technology Corporation RT8152C Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
RT8152C/D
19
DS8152C/D-04
April 2011
www.richtek.com
Figure 8. CPU Mode Timing Diagram for Power-Up and Power-Down
After the RT8152C/D enters Render mode, VSEN starts ramping up to VDAC within 1ms. The slew rate during power-up
is 20
μA/CSOFT. PGOOD is asserted HIGH after VSEN exceeds VDAC − 100mV for 4.77ms (typ.). DPRSLPVR are valid
right after PGOOD is asserted. UVP is masked as long as VSEN is less than VDAC
− 100mV.
Figure 9. Render Mode Timing Diagram for Power-Up and Power-Down
VRON
VCC
4.3V
4.1V
VID
Valid
xx
XX
VSEN
PGOOD
4.77ms typ.
POR
0.2V
VDAC
VDAC-100mV
DPRSLPVR
Valid
XX
XX
PWM
DPRSLPVR Defined
CCM
Pull Down
CCM
Hi-Z
VRON
VCC 4.3V
4.1V
VID
Valid
xx
XX
VSEN
PGOOD
73µs typ.
4.7ms typ.
POR
0.2V
VBOOT
VBOOT - 0.1V
DPRSLPVR
Valid
XX
XX
PWM
DPRSLPVR Defined
CCM
Pull Down
CCM
Hi-Z
CLKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com