Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 12Page - Richtek Technology Corporation RT8152C Datasheet HTML 13Page - Richtek Technology Corporation RT8152C Datasheet HTML 14Page - Richtek Technology Corporation RT8152C Datasheet HTML 15Page - Richtek Technology Corporation RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation RT8152C Datasheet HTML 19Page - Richtek Technology Corporation RT8152C Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
RT8152C/D
16
DS8152C/D-04
April 2011
www.richtek.com
Considering the inductance tolerance, the resistor RX has
to be tuned on board by examining the transient voltage.
If the output voltage transient has an initial dip below the
minimum load line requirement with a slow recovery, RX
is chosen too small. Vice versa, with a resistance too
large, the output voltage transient has only a small initial
dip and the recovery is too fast causing a ring-back.
Using current sense resistor in series with the inductor
can have better accuracy, but the efficiency is a trade-off.
Considering the equivalent inductance (LESL) of the current
sense resistor, a RC filter is recommended. The RC filter
calculation method is similar to the above mentioned
inductor DCR sensing method.
Loop Control
The RT8152C/D adopts Richtek's proprietary G-NAVPTM
topology. G-NAVPTM is based on the finite-gain current
mode with CCRCOT (Constant Current Ripple Constant
On Time) topology. The output voltage, VOUT, will decrease
with increasing output load current. The control loop
consists of PWM modulator with power stage, current
sense amplifier and error amplifier as shown in Figure 4.
Figure 4. Simplified Schematic for Droop and Remote
Sense in CCM
The HS_FET on-time is determined by CCRCOT ON-Time
generator. When load current increases, VCS increases,
the steady state COMP voltage also increases and makes
the VOUT decrease, achieving AVP. A near-DC offset
cancellation is added to the output of EA to cancel the
inherent output offset of finite-gain current mode controller.
In RFM, HS_FET is turned on with constant TON when
VCS is lower than VCOMP2. Once the HS_FET is turned off,
LS_FET is turned on automatically. By Ringing-Free
Technique, the LS_FET allows only partial of negative
current when the inductor free-wheeling current reaches
negative. The switching frequency will be proportionately
reduced, thus the conduction and switching losses will
be greatly reduced.
Output Voltage Droop Setting (with Temperature
Compensation)
It's very easy to achieve the Active Voltage Positioning
(AVP) by properly setting the error amplifier gain due to
the native droop characteristics. The target is to have
VOUT = VDAC
− ILOAD x RDROOP
(3)
, then solving the switching condition VCOMP2 = VCS in
Figure 4 yields the desired error amplifier gain as
I
SENSE
V
DROOP
AR
R2
A
R1
R
×
==
(4)
where AI is the internal current sense amplifier gain. RSENSE
is the current sense resistor. If no external sense resistor
present, it is the DCR of the inductor. RDROOP is the
resistive slope value of the converter output and is the
desired static output impedance.
Figure 5. Error Amplifier Gain (Av) Influence on VOUT
AV1
AV2
AV2 > AV1
VOUT
Load Current
0
VOUT
CCRCOT
PWM
Logic
UGATE
LGATE
+
-
ISEN
ISEN_N
Ai
+
CMP
VCS
COMP2
VIN
RT8152C/D
HS_FET
LS_FET
L
RX
CX
C
EA
VCC_SENSE
-
+
VSS_SENSE
FB
SOFT
RGND
COMP
C2
C1
R2
R1
CSOFT
VDAC
Offset
Cancellation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com