Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation RT8152C Datasheet HTML 19Page - Richtek Technology Corporation RT8152C Datasheet HTML 20Page - Richtek Technology Corporation RT8152C Datasheet HTML 21Page - Richtek Technology Corporation RT8152C Datasheet HTML 22Page - Richtek Technology Corporation RT8152C Datasheet HTML 23Page - Richtek Technology Corporation RT8152C Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
RT8152C/D
23
DS8152C/D-04
April 2011
www.richtek.com
close proximity to the load. Latter ones are for mid-
frequency decoupling with especially small ESR and ESL
values while the bulk capacitors have to provide enough
stored energy to overcome the low frequency bandwidth
gap between the regulator and the CPU.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8152C/D, The maximum junction temperature is 125
°C.
The junction to ambient thermal resistance
θJA is layout
dependent. For WQFN-32L 5x5 package, the thermal
resistance
θJA is 36°C/W on the standard JEDEC 51-7
four layers thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula :
PD(MAX) = (12
°C − 25°C) / (36°C/W) = 2.778W for
WQFN-32L 5x5 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8152C/D package, the Figure 15 of
derating curve allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Layout Considerations
Careful PC board layout is critical to achieve low switching
losses and clean, stable operation. The switching power
stage requires particular attention. If possible, mount all
of the power components on the top side of the board
with their ground terminals flush against one another.
Follow these guidelines for optimum PC board layout :
Keep the high current paths short, especially at the
ground terminals.
Keep the power traces and load connections short. This
is essential for high efficiency.
The slew rate control capacitor should be connected
from SOFT to RGND, and it should be placed physically
close to IC.
Connect slew rate control capacitor at SOFT pin to
RGND.
When trade-offs in trace lengths must be made, it’s
preferable to allow the inductor charging path to be made
longer than the discharging path.
Place the current sense component close to the
controller. ISEN and ISEN_N connections for current limit
and voltage positioning must be made using Kelvin sense
connections to guarantee the current sense accuracy.
The PCB trace from the sense nodes should be parallel
back to controller.
Route high speed switching nodes away from sensitive
analog areas (SOFT, COMP, FB, VSEN, ISEN, ISEN_N,
CM, etc...)
Figure 15. Derating Curve for RT8152C/D Package
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four Layers PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com