Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 13Page - Richtek Technology Corporation RT8152C Datasheet HTML 14Page - Richtek Technology Corporation RT8152C Datasheet HTML 15Page - Richtek Technology Corporation RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation RT8152C Datasheet HTML 19Page - Richtek Technology Corporation RT8152C Datasheet HTML 20Page - Richtek Technology Corporation RT8152C Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
RT8152C/D
17
DS8152C/D-04
April 2011
www.richtek.com
Since the DCR of inductor is highly temperature dependent,
it affects the output accuracy at hot conditions.
Temperature compensation is recommended for the
lossless inductor DCR current sense method. Figure 6
shows a simple but effective way of compensating the
temperature variations of the sense resistor using an NTC
thermistor placed in the feedback path.
Figure 6. Loop Setting with Temperature Compensation
Usually, R1a is set to equal RNTC (25oC). R1b is selected
to linearize the NTC's temperature characteristic. For a
given NTC, design is to get R1b and R2 and then C1 and
C2. According to (4), to compensate the temperature
variations of the sense resistor, the error amplifier gain
(Av) should have the same temperature coefficient with
RSENSE. Hence
V, HOT
SENSE, HOT
V, COLD
SENSE, COLD
AR
AR
=
(5)
From (4), we can have Av at any temperature (T) as
V, T
NTC, T
R2
A
R1a // R
R1b
=
+
(6)
(
) ( )
{
}
11
T+273
298
NTC, T
NTC, 25
RR
e
⎡⎤
β−
⎢⎥
⎣⎦
=
(7)
The standard formula for the resistance of NTC thermistor
as a function of temperature is given by :
Where RNTC, 25 is the thermistor's nominal resistance at
room temperature,
β (beta) is the thermistor's material
constant in Kelvins, and T is the thermistor's actual
temperature in Celsius.
To calculate DCR value at different temperature can use
equation as below :
DCRT = DCR25 x [1+0.00393 x (T
−25)]
(8)
Where the 0.00393 is the temperature coefficient of the
copper. For a given NTC thermistor, solving (6) at room
temperature (25
°C) yields :
R2 = AV, 25 x (R1b + R1a // RNTC, 25)
(9)
Where AV, 25 is the error amplifier gain at room temperature
and can be obtained from (4). R1b can be obtained by
substituting (9) to (5),
SENSE, HOT
NTC, HOT
NTC, COLD
SENSE, COLD
SENSE, HOT
SENSE, COLD
R1b
R
(R1a // R
) (R1a // R
)
R
R
1
R
=
×−
⎛⎞
−
⎜⎟
⎝⎠
(10)
Loop Compensation
Optimized compensation of the RT8152C/D allows for best
possible load step response of the regulator's output. A
compensator with one pole and one zero is adequate for
a proper compensation. Figure 4 shows the compensation
circuit. Prior design procedure shows how to decide the
resistive feedback components of error amplifier gain, the
C1 and C2 must be calculated for the compensation. The
target is to achieve the constant resistive output impedance
over the widest possible frequency range.
The pole frequency of the compensator must be set to
compensate the output capacitor ESR zero :
P
C
1
f
2C R
=
×π × ×
(11)
Where C is the capacitance of output capacitor, and RC is
the ESR of output capacitor. C2 can be calculated as
follows :
C
CR
C2
R2
×
=
(12)
(13)
()
NTC, 25
SW
1
C1
R1b R1a // R
f
=
+× π ×
The zero of compensator has to be placed at half of the
switching frequency to filter the switching related noise.
Such that :
TON Setting
High frequency operation optimizes the application for the
smaller component size, trading off efficiency due to higher
switching losses. This may be acceptable in ultra portable
devices where the load currents are lower and the
controller is powered from a lower voltage supply. Low
frequency operation offers the best overall efficiency at
the expense of component size and board space. Figure
VCC_SENSE
-
+
VSS_SENSE
FB
SOFT
RGND
COMP
RT8152C/D
C2
C1
R2
R1b
CSOFT
10nF
EA
R1a
NTC
VDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com