Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 8Page - Richtek Technology Corporation RT8152C Datasheet HTML 9Page - Richtek Technology Corporation RT8152C Datasheet HTML 10Page - Richtek Technology Corporation RT8152C Datasheet HTML 11Page - Richtek Technology Corporation RT8152C Datasheet HTML 12Page - Richtek Technology Corporation RT8152C Datasheet HTML 13Page - Richtek Technology Corporation RT8152C Datasheet HTML 14Page - Richtek Technology Corporation RT8152C Datasheet HTML 15Page - Richtek Technology Corporation RT8152C Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
RT8152C/D
12
DS8152C/D-04
April 2011
www.richtek.com
Typical Operating Characteristics
VIN = 12.6V, RTON = 150
Ω
Ω
Ω
Ω
Ω, L = 0.36μμμμμH, COUT = 330μμμμμF, No Load, TA= 25°°°°°C, unless otherwise specified.
CCM Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
Load Current (A)
VID = 1.15V, DPRSLPVR = Low
VIN = 8V
VIN = 12V
VIN = 19V
CCM VCC_SENSE vs. Load Current
1.04
1.06
1.08
1.10
1.12
1.14
1.16
0
3
6
9
12
15
18
21
24
27
30
Load Current (A)
VID = 1.15V, DPRSLPVR = Low
VIN = 8V
VIN = 12V
VIN = 19V
VCM vs. Load Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
5
10
15
20
25
30
Load Current (A)
VID = 0.9375V, DPRSLPVR = Low
VIN = 8V
VIN = 12V
VIN = 19V
RFM Efficiency vs. Load Current
50
55
60
65
70
75
80
85
90
95
100
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Load Current (A)
VID = 0.85V, DPRSLPVR = High
VIN = 8V
VIN = 12V
VIN = 19V
CCM VCC_SENSE vs. Load Current
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
0.92
0.93
0.94
0.95
0
3
6
9
12
15
18
21
24
27
30
Load Current (A)
VID = 0.9375V, DPRSLPVR = Low
VIN = 8V
VIN = 12V
VIN = 19V
CCM Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
Load Current (A)
VID = 0.9375V, DPRSLPVR = Low
VIN = 8V
VIN = 12V
VIN = 19V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com