Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 10Page - Richtek Technology Corporation RT8152C Datasheet HTML 11Page - Richtek Technology Corporation RT8152C Datasheet HTML 12Page - Richtek Technology Corporation RT8152C Datasheet HTML 13Page - Richtek Technology Corporation RT8152C Datasheet HTML 14Page - Richtek Technology Corporation RT8152C Datasheet HTML 15Page - Richtek Technology Corporation RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RT8152C/D
14
DS8152C/D-04
April 2011
www.richtek.com
CCM Load Transient Response
VCC_SENSE
(50mV/Div)
Time (10
μs/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
VID = 0.9375V, ILOAD = 28A to 5A
CLKEN Pull High to 3.3V (CPU)
DPSLPVR = High
CCM Load Transient Response
VCC_SENSE
(50mV/Div)
Time (10
μs/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
VID = 0.9375V, ILOAD = 5A to 28A
CLKEN Pull High to 3.3V (CPU)
DPSLPVR = Low
C4 ENTRY / EXIT with VID Change
VCC_SENSE
(100mV/Div)
Time (40
μs/Div)
VID0
(5V/Div)
DPRSLPVR
(5V/Div)
DPSLPVR = High
ILOAD-DPRSLPVR = 1A, ILOAD-CCM = 21A
VID = 0.9375V and 0.85V, CLKEN Pull High to 3.3V
ILOAD
(40A/Div)
Over Current Protection
VCC_SENSE
(1V/Div)
Time (10
μs/Div)
PHASE
(10V/Div)
PWRGD
(2V/Div)
ILOAD
(20A/Div)
CLKEN Pull High to 3.3V (CPU), DPSLPVR = Low
Over Voltage Protection
VCC_SENSE
(1V/Div)
Time (10
μs/Div)
LGATE
(10V/Div)
PWRGD
(2V/Div)
CLKEN Pull High to 3.3V (CPU), DPSLPVR = Low
UGATE
(20V/Div)
Under Voltage Protection
VCC_SENSE
(1V/Div)
Time (10
μs/Div)
LGATE
(10V/Div)
PWRGD
(2V/Div)
CLKEN Pull High to 3.3V (CPU), DPSLPVR = Low
UGATE
(20V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com