Electronic Components Datasheet Search
  English  ▼

X  

RT8152C Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT8152C Datasheet HTML 16Page - Richtek Technology Corporation RT8152C Datasheet HTML 17Page - Richtek Technology Corporation RT8152C Datasheet HTML 18Page - Richtek Technology Corporation RT8152C Datasheet HTML 19Page - Richtek Technology Corporation RT8152C Datasheet HTML 20Page - Richtek Technology Corporation RT8152C Datasheet HTML 21Page - Richtek Technology Corporation RT8152C Datasheet HTML 22Page - Richtek Technology Corporation RT8152C Datasheet HTML 23Page - Richtek Technology Corporation RT8152C Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
RT8152C/D
20
DS8152C/D-04
April 2011
www.richtek.com
REQU, T = R1a // RNTC, T
(23)
Power Down
When VRON goes low, the RT8152C/D enters low power
shutdown mode. PGOOD is pulled low immediately and
the VSOFT ramps down with slew rate of 20
μA/CSOFT. VSEN
also ramps down following VSOFT. After VVSEN is lower than
200mV, the RT8152C/D turns off high side FETs and low
side FETs. An internal discharge resistor at VSEN will be
enabled and the analog part will be turned off.
Deeper Sleep Mode Transitions
After DPRSLPVR goes high, the RT8152C/D enters deeper
sleep mode operation. If the VIDs are set to a lower voltage
setting, the output drops at a rate determined by the load
and the output capacitance. The internal target VSOFT still
ramps as before, and UVP, OCP and OVP are masked for
73
μs.
Over Current Protection Setting
The RT8152C/D compares a programmable current limit
set point to the voltage from the current sense amplifier
output for Over Current Protection (OCP). The voltage
applied to OCSET pin defines the desired current limit
threshold ILIM :
VOCSET = 40 x ILIM x RSENSE
(17)
Connect a resistor voltage divider from VCC to GND, the
joint of the resistor divider is connected to OCSET pin as
shown in Figure 10. For a given ROC2, then :
(18)
CC
OC1
OC2
OCSET
V
RR
1
V
⎛⎞
=×
−
⎜⎟
⎝⎠
Figure 10. OCP Setting Without Temperature
Compensation
OCSET
VCC
ROC1
ROC2
RT8152C/D provides current limit function and over current
protection. The current limit function is triggered when
inductor current exceeds the current limit threshold ILIM
defined by VOCSET. When current limit function is tripped,
high side MOSFET will be forced off until the over current
condition is cleared.
Figure 11. OCP Setting with Temperature Compensation
OCSET
VCC
ROC1b
ROC2
ROC1a
NTC
OCSET, HOT
SENSE, HOT
OCSET, COLD
SENSE, COLD
VR
VR
=
(19)
Generally, the ROC1a must be selected to be equal to
thermistor's nominal resistance at room temperature.
Ideally, VOCSET has same temperature coefficient with
RSENSE (Inductor DCR) :
(20)
OC2
EQU, HOT
EQU, COLD
EQU, 25
CC
OCSET, 25
R
RR
(1
) R
V
(1
)
V
=
α×
−
+ − α ×
×− α
(21)
OC1b
OC2
EQU, HOT
EQU, COLD
R
(1) R
R
R
(1
)
=
α− ×
+ α ×
−
−α
Where
SENSE, HOT
25
HOT
SENSE, COLD
25
COLD
R
DCR
[1 0.00393 (T
25)]
R
DCR
[1 0.00393 (T
25)]
α=
×+
×
−
=
×+
×
−
(22)
If the current limit function is triggered for 15 switching
cycles, OCP will be tripped. Once OCP is tripped, both
high side and low side MOSFET will be turn off, and the
internal discharge resistor at the VSEN pin will be enabled
to discharge output capacitors. OCP is a latched
protection, it can only be reset by cycling VRON or VCC.
If inductor DCR is used as current sense component, then
temperature compensation is recommended for proper
protection under all conditions. Figure 11 shows a typical
OCP setting with temperature compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com