Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 1 Page - ATMEL Corporation

  PC8245 Datasheet HTML 1Page - ATMEL Corporation PC8245 Datasheet HTML 2Page - ATMEL Corporation PC8245 Datasheet HTML 3Page - ATMEL Corporation PC8245 Datasheet HTML 4Page - ATMEL Corporation PC8245 Datasheet HTML 5Page - ATMEL Corporation PC8245 Datasheet HTML 6Page - ATMEL Corporation PC8245 Datasheet HTML 7Page - ATMEL Corporation PC8245 Datasheet HTML 8Page - ATMEL Corporation PC8245 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
2171D–HIREL–06/04
Features
• 300 MHz - 333 MHz To Be Confirmed-PC603e Processor Core Implementing the
PowerPC® Architecture
• 32-bit PCI Interface Operating at up to 66 MHz
• Memory Controller Offering SDRAM Support up to 133 MHz Operation, Support up to
2GB
• General Purpose I/O and ROM Interface Support
• Two Channel DMA Controller that Supports Chaining
• Messaging Unit with I2O Messaging Support Capability
• Industry-standard I2C Interface
• Programmable Interrupt Controller with Multiple Timers and Counters
• 16550-compatible DUART
Description
The PC8245 combines a PC603e core microprocessor with a PCI bridge. The PCI
support on the PC8245 will allow system designers to rapidly design systems using
peripherals already designed for PCI and the other standard interfaces. The PC8245
also integrates a high-performance memory controller which supports various types of
ROM and SDRAM.
The PC8245 is the second of a family of products that provides system-level support
for industry standard interfaces with a PC603e processor core.
This document describes pertinent electrical and physical characteristics of the
PC8245. For functional characteristics of the processor, refer to the Motorola’s docu-
mentation "MPC8245 Integrated Processor User’s Manual" (MPC8245UM/D).
Screening/Quality/Packaging
This product is manufactured in full compliance with:
•
Upscreening based upon Atmel standards
•
Military temperature range (T
c = -55°C, Tc = +125°C)
•
Core power supply:
2.0 ± 100 mV
•
I/O power supply: 3.3V
± 0.3V
•
352 Tape Ball Grid Array (TBGA)
TP suffix
TBGA352
Tape Ball Grid Array
Integrated
Processor
Family
PC8245
Product
Specification
Rev. 2171D–HIREL–06/04


Similar Part No. - PC8245

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC824 SHARP-PC824 Datasheet
74Kb / 5P
AC Input Photocoupler
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
Integrated Processor Family
logo
Sharp Corporation
PC824A SHARP-PC824A Datasheet
74Kb / 5P
AC Input Photocoupler
More results

Similar Description - PC8245

ManufacturerPart #DatasheetDescription
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
Integrated Processor Family
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
Family Radio Processor
logo
Freescale Semiconductor...
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com