Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 41Page - ATMEL Corporation PC8245 Datasheet HTML 42Page - ATMEL Corporation PC8245 Datasheet HTML 43Page - ATMEL Corporation PC8245 Datasheet HTML 44Page - ATMEL Corporation PC8245 Datasheet HTML 45Page - ATMEL Corporation PC8245 Datasheet HTML 46Page - ATMEL Corporation PC8245 Datasheet HTML 47Page - ATMEL Corporation PC8245 Datasheet HTML 48Page - ATMEL Corporation PC8245 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
45
PC8245
2171D–HIREL–06/04
PLL Configuration
The internal PLLs of the PC8245 are configured by the PLL_CFG[0:4] signals. For a
given PCI_SYNC_IN (PCI bus) frequency, the PLL configuration signals set both the
peripheral logic/memory bus PLL (VCO) frequency of operation for the PCI-to-memory
frequency multiplying and the PC603e CPU PLL (VCO) frequency of operation for mem-
ory-to-CPU frequency multiplying. The PLL configurations for the PC8245 is shown in
Table 16 and Table 17.
Table 16. PLL Configurations (266 and 300 MHz Parts)
Ref
PLL_ CFG
[0:4](10)(13)
266 MHz Part(9)
300 MHz Part(9)
Multipliers
PCI Clock
Input (PCI_
SYNC_IN)
Range(1)
(MHz)
Periph
Logic/
Mem Bus
Clock
Range
(MHz)
CPU Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range(1)
(MHz)
Periph
Logic/Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI to
Mem
(Mem
VCO)
Mem to
CPU
(CPU
VCO)
0
00000(12)
25 – 35(5)(16)
75 – 105
188 – 263
25 – 40(5)
75 – 120
188 – 300
3(2)
2.5(2)
1
00001(12)
25 – 29(5)
75 – 88
225 – 264
25 – 33(5)
75 – 99
225 – 297
3(2)
3(2)
2
00010(11)
50(18) – 59(5)
50 – 59
225 – 266
50(18) –
66(1)
50 – 66
225 – 297
1(4)
4.5(2)
3
00011(11)(14)
50(4) – 66(1)
50 – 66
100 – 133
50(4) – 66(1)
50 – 66
100 – 133
1 (Bypass)
2(4)
4
00100(12)
25 – 46(4)
50 – 92
100 – 184
25 – 46(4)
50 – 92
100 – 184
2(4)
2(4)
5
00101
Reserved
Reserved
Note (20)
6
00110(15)
Bypass
Bypass
Bypass
7
00111(14)
60(6) – 66(1)
60 – 66
180 – 198
60(6) – 66(1)
60 – 66
180 – 198
1 (Bypass)
3(2)
8
01000(12)
60(6) – 66(1)
60 – 66
180 – 198
60(6) – 66(1)
60 – 66
180 – 198
1(4)
3(2)
9
01001(19)
45(6) – 66(1)
90 – 132
180 – 264
45(6) – 66(1)
90 – 132
180 – 264
2(2)
2(2)
A
01010(12)
25 – 29(5)
50 – 58
225 – 261
25 – 33(5)
50 – 66
225 – 297
2(4)
4.5(2)
B
01011(19)
45(3) – 59(5)
68 – 88
204 – 264
45(3) – 66(1)
68 – 99
204 – 297
1.5(2)
3(2)
C
01100(12)
36(6) – 46(4)
72 – 92
180 – 230
36(6) – 46(4)
72 – 92
180 – 230
2(4)
2.5(2)
D
01101(19)
45(3) – 50(5)
68 – 75
238 – 263
45(3) – 57(5)
68 – 85
238 – 298
1.5(2)
3.5(2)
E
01110(12)
30(6) – 44(5)
60 – 88
180 – 264
30(6) – 46(4)
60 – 92
180 – 276
2(4)
3(2)
F
01111(19)
25(5)
75
263
25 – 28(5)
75 – 85
263 – 298
3(2)
3.5(2)
10
10000(12)
30(6) –
44(2)(5)
60 – 132
180 – 264
30(6) – 44(2)
60 – 132
180 – 264
3(2)
2(2)
11
10001(19)
25 – 26(5)
100 – 106
250 – 266
25 – 29(2)
100 – 116
250 – 290
4(2)
2.5(2)
12
10010(12)
60(6) – 66(1)
90 – 99
180 – 198
60(6) – 66(1)
90 – 99
180 – 198
1.5(2)
2(2)
13
10011(19)
Not Available
25(2)
100
300
4(2)
3(2)
14
10100(12)
26(6) – 38(5)
52 – 76
182 – 266
26(6) – 42(5)
52 – 84
182 – 294
2(4)
3.5(2)
15
10101(19)
Not Available
27(3) – 30(5)
68 – 75
272 – 300
2.5(2)
4(2)
16
10110(12)
25 – 33(5)
50 – 66
200 – 264
25 – 37(5)
50 – 74
200 – 296
2(4)
4(2)
17
10111(19)
25 – 33(5)
100 – 132
200 – 264
25 – 33(2)
100 – 132
200 – 264
4(2)
2(2)
18
11000(12)
27(3) – 35(5)
68 – 88
204 – 264
27(3) – 40(5)
68 – 100
204 – 300
2.5(2)
3(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com