Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 44Page - ATMEL Corporation PC8245 Datasheet HTML 45Page - ATMEL Corporation PC8245 Datasheet HTML 46Page - ATMEL Corporation PC8245 Datasheet HTML 47Page - ATMEL Corporation PC8245 Datasheet HTML 48Page - ATMEL Corporation PC8245 Datasheet HTML 49Page - ATMEL Corporation PC8245 Datasheet HTML 50Page - ATMEL Corporation PC8245 Datasheet HTML 51Page - ATMEL Corporation PC8245 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
48
PC8245
2171D–HIREL–06/04
Notes:
1. Limited by maximum PCI input frequency (66 MHz).
2. Limited by maximum system memory interface operating frequency (100 MHz at 350 MHz CPU).
3. Limited by minimum memory VCO frequency (133 MHz).
4. Limited due to maximum memory VCO frequency (372 MHz).
5. Limited by maximum CPU operating frequency (266 MHz).
6. Limited by minimum CPU VCO frequency (360 MHz).
7. Limited by maximum CPU VCO frequency (800 MHz).
8. In clock off mode, no clocking occurs inside the PC8245 regardless of the PCI_SYNC_IN input.
9. Range values are shown rounded down to the nearest whole number (decimal place accuracy removed) for clarity.
10. PLL_CFG[0:4] settings not listed (01011, 01101, 01111, 10001, 10011, 10101, 11001, and 11011) are reserved.
11. Multiplier ratios for this PLL_CFG[0:4] setting are different from the PC8240 and are not backwards-compatible.
12. PCI_SYNC_IN range for this PLL_CFG[0:4] setting is different from the PC8240 and may not be fully backwards-compatible.
13. Bits 7
–4 of register offset <0xE2> contain the PLL_CFG[0:4] setting value.
14. In PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal processor directly, the peripheral logic PLL is dis-
abled, and the bus mode is set for 1:1 (PCI:Mem) mode operation. This mode is intended for hardware modeling support.
The AC timing specifications given in this document do not apply in PLL bypass mode.
15. In dual PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal peripheral logic directly, the peripheral logic
PLL is disabled, and the bus mode is set for 1:1 (PCI_SYNC_IN:Mem) mode operation. In this mode, the OSC_IN input sig-
nal clocks the internal processor directly in 1:1 (OSC_IN:CPU) mode operation, and the processor PLL is disabled. The
PCI_SYNC_IN and OSC_IN input clocks must be externally synchronized. This mode is intended for hardware modeling
support. The AC timing specifications given in this document do not apply in dual PLL bypass mode.
16. Limited by maximum system memory interface operating frequency (133 MHz at 333 MHz CPU).
17. Limited by minimum CPU operating frequency (100 MHz).
18. Limited by minimum memory bus frequency (50 MHz).
19. PCI_SYNC_IN range for this PLL_CFG[0:4] setting does not exist on the PC8240 and may not be fully backwards-
compatible.
20. No longer supported.
1D
11101(12)
48(6) – 66(1)
72 – 99
180 – 248
48(6) – 66(1)
72 – 99
180 – 248
1.5(2)
2.5(2)
1E
11110(8)
Not Usable
Not Usable
Off
Off
1F
11111(8)
Not Usable
Not Usable
Off
Off
Table 17. PLL Configurations (333 and 350 MHz Parts) (Continued)
Ref
PLL_ CFG
[0:4](10)(13)
333 MHz Part(9)
350 MHz Part(9)
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range(1)
(MHz)
Periph
Logic/
Mem Bus
Clock
Range
(MHz)
CPU Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range(1)
(MHz)
Periph
Logic/ Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI to
Mem
(Mem
VCO)
Mem to
CPU
(CPU
VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com