Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 4 Page - ATMEL Corporation

  PC8245 Datasheet HTML 1Page - ATMEL Corporation PC8245 Datasheet HTML 2Page - ATMEL Corporation PC8245 Datasheet HTML 3Page - ATMEL Corporation PC8245 Datasheet HTML 4Page - ATMEL Corporation PC8245 Datasheet HTML 5Page - ATMEL Corporation PC8245 Datasheet HTML 6Page - ATMEL Corporation PC8245 Datasheet HTML 7Page - ATMEL Corporation PC8245 Datasheet HTML 8Page - ATMEL Corporation PC8245 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
4
PC8245
2171D–HIREL–06/04
•
Peripheral logic
Peripheral Logic Bus
–
Supports various operating frequencies and bus divider ratios
–
32-bit address bus, 64-bit data bus
–
Supports full memory coherency
–
Decoupled address and data buses for pipelining of peripheral logic bus
accesses
–
Store gathering on peripheral logic bus-to-PCI writes
Memory interface
–
Supports up to 2 Gbytes of SDRAM memory
–
High-bandwidth data bus (32- or 64-bit) to SDRAM
–
Programmable timing supporting SDRAM
–
Supports 1 to 8 banks of 16-, 64-, 128-, 256-, or 512-Mbit memory devices
–
Write buffering for PCI and processor accesses
–
Supports normal parity, read-modify-write (RMW), or ECC
–
Data-path buffering between memory interface and processor
–
Low-voltage TTL logic (LVTTL) interfaces
–
272 Mbytes of base and extended ROM/Flash/PortX space
–
Base ROM space supports 8-bit data path or same size as the SDRAM data
path (32- or 64-bit)
–
Extended ROM space supports 8-, 16-, 32-bit gathering data path, 32- or 64-
bit (wide) data path
–
PortX: 8-, 16-, 32-, or 64-bit general-purpose I/O port using ROM controller
interface with programmable address strobe timing, data ready input signal
(DRDY), and 4 chip selects
32-bit PCI interface
–
Operates up to 66 MHz
–
PCI 2.2-compliant
–
PCI 5.0V tolerance
–
Support for dual address cycle (DAC) for 64-bit PCI addressing (master only)
–
Support for PCI locked accesses to memory
–
Support for accesses to PCI memory, I/O, and configuration spaces
–
Selectable big- or little-endian operation
–
Store gathering of processor-to-PCI write and PCI-to-memory write
accesses
–
Memory prefetching of PCI read accesses
–
Selectable hardware-enforced coherency
–
PCI bus arbitration unit (five request/grant pairs)
–
PCI agent mode capability
–
Address translation with two inbound and outbound units (ATU)
–
Some internal configuration registers accessible from PCI
Two-channel integrated DMA controller (writes to ROM/PortX not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com