Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 5 Page - ATMEL Corporation

  PC8245 Datasheet HTML 1Page - ATMEL Corporation PC8245 Datasheet HTML 2Page - ATMEL Corporation PC8245 Datasheet HTML 3Page - ATMEL Corporation PC8245 Datasheet HTML 4Page - ATMEL Corporation PC8245 Datasheet HTML 5Page - ATMEL Corporation PC8245 Datasheet HTML 6Page - ATMEL Corporation PC8245 Datasheet HTML 7Page - ATMEL Corporation PC8245 Datasheet HTML 8Page - ATMEL Corporation PC8245 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
5
PC8245
2171D–HIREL–06/04
–
Supports direct mode or chaining mode (automatic linking of DMA transfers)
–
Supports scatter gathering — read or write discontinuous memory
–
64-byte transfer queue per channel
–
Interrupt on completed segment, chain, and error
–
Local-to-local memory
–
PCI-to-PCI memory
–
Local-to-PCI memory
–
PCI memory-to-local memory
Message unit
–
Two doorbell registers
–
Two inbound and two outbound messaging registers
–I
2O message interface
Two-wire interface controller with full master/slave support that accepts broadcast
messages
Embedded programmable interrupt controller (EPIC)
–
Five hardware interrupts (IRQs) or 16 serial interrupts
–
Four programmable timers with cascade
Two (dual) universal asynchronous receiver/transmitters (UARTs)
Integrated PCI bus and SDRAM clock generation
Programmable PCI bus and memory interface output drivers
•
System level performance monitor facility
•
Debug features
–
Memory attribute and PCI attribute signals
–
Debug address signals
–MIV signal: marks valid address and data bus cycles on the memory
bus
–
Programmable input and output signals with watchpoint capability
–
Error injection/capture on data path
–
IEEE 1149.1 (JTAG)/test interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com