Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 2 Page - ATMEL Corporation

  PC8245 Datasheet HTML 1Page - ATMEL Corporation PC8245 Datasheet HTML 2Page - ATMEL Corporation PC8245 Datasheet HTML 3Page - ATMEL Corporation PC8245 Datasheet HTML 4Page - ATMEL Corporation PC8245 Datasheet HTML 5Page - ATMEL Corporation PC8245 Datasheet HTML 6Page - ATMEL Corporation PC8245 Datasheet HTML 7Page - ATMEL Corporation PC8245 Datasheet HTML 8Page - ATMEL Corporation PC8245 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
PC8245
2171D–HIREL–06/04
General Description
Block Diagram
The PC8245 integrated processor is comprised of a peripheral logic block and a 32-bit
superscalar PowerPC 603e core, as shown in Figure 1.
Figure 1. Block Diagram
Peripheral Logic
Instruction Unit
Address
Translator
DLL
Fanout
Buffers
PCI
Arbiter
I2C
Controller
DMA
Controller
EPIC
Interrupt
Controller
/Timers
DUART
Watchpoint
Facility
PCI Bus
Interface Unit
Data Path
ECC Controller
Memory
Controller
Central
Control
Unit
Oscillator
Input
Five Request/
Grant Pairs
I2C
5 IRQs/
16 Serial
Interrupts
Processor Core Block
Peripheral Logic Block
Processor
PLL
Instruction
MMU
(64-bit) Two-instruction fetch
(64-bit) Two-instruction dispatch
Peripheral Logic
PLL
SDRAM Clocks
PCI_SYNC_IN
PCI Bus
Clocks
Data (64-bit)
Address
(32-bit)
Data Bus
(32- or 64-bit)
with 8-bit Parity
or ECC
Memory/ROM/PortX
Address and Control
64-bit
32-bit
PCI Interface
Branch
Processing
Unit
(BPU)
System
Register
Unit
(SRU)
Floating
Point
Unit
(FPU)
Integer
Unit
(IU)
Load/Store
Unit
(LSU)
Bus
Performance
Monitor
Data
MMU
16-Kbyte
Data
Cache
16-Kbyte
Instruction
Cache
Configuration
Registers
Additional features:
• Prog I/O with Watchpoint
• JTAG/COP Interface
• Power Management
PC8245
SDRAM_SYNC_IN
Message
Unit
(with I2O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com