Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 3 Page - ATMEL Corporation

  PC8245 Datasheet HTML 1Page - ATMEL Corporation PC8245 Datasheet HTML 2Page - ATMEL Corporation PC8245 Datasheet HTML 3Page - ATMEL Corporation PC8245 Datasheet HTML 4Page - ATMEL Corporation PC8245 Datasheet HTML 5Page - ATMEL Corporation PC8245 Datasheet HTML 6Page - ATMEL Corporation PC8245 Datasheet HTML 7Page - ATMEL Corporation PC8245 Datasheet HTML 8Page - ATMEL Corporation PC8245 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
3
PC8245
2171D–HIREL–06/04
The peripheral logic integrates a PCI bridge, dual universal asynchronous
receiver/transmitter (DUART), memory controller, DMA controller, EPIC interrupt con-
troller, a message unit (and I
2O interface), and a I
2C inteface controller. The processor
core is a full-featured, high-performance processor with floating-point support, memory
management, 16-Kbyte instruction cache, 16-Kbyte data cache, and power manage-
ment features. The integration reduces the overall packaging requirements and the
number of discrete devices required for an embedded system.
The PC8245 contains an internal peripheral logic bus that interfaces the processor core
to the peripheral logic. The core can operate at a variety of frequencies, allowing the
designer to trade-off performance for power consumption. The processor core is
clocked from a separate PLL, which is referenced to the peripheral logic PLL. This
allows the microprocessor and the peripheral logic block to operate at different frequen-
cies, while maintaining a synchronous bus interface. The interface uses a 64- or 32-bit
data bus (depending on memory data bus width) and a 32-bit address bus along with
control signals that enable the interface between the processor and peripheral logic to
be optimized for performance. PCI accesses to the PC8245 memory space are passed
to the processor bus for snooping when snoop mode is enabled.
The processor core and peripheral logic are general-purpose in order to serve a variety
of embedded applications. The PC8245 can be used as either a PCI host or PCI agent
controller.
General Parameters
The following list provides a summary of the general parameters of the PC8245:
Technology0.25 µm CMOS, five-layer metal
Die size
49.2 mm
2
Transistor count4.5 million
Logic designFully static
Packages Surface-mount 352 tape ball grid array (TBGA)
Core power supply:2.0V ± 100 mV DC
(nominal; see Table “Recommended Operating Conditions” on page 12
for details
I/O power supply3.0 to 3.6V DC
Features
Major features of the PC8245 are as follows:
•
Processor core
–
High-performance, superscalar processor core
–
Integer unit (IU), floating-point unit (FPU) (software enabled or disabled),
load/store unit (LSU), system register unit (SRU), and a branch processing
unit (BPU)
–
16-Kbyte instruction cache
–
16-Kbyte data cache
–
Lockable L1 caches — entire cache or on a per-way basis up to three of four
ways
–
Dynamic power management — supports 60x nap, doze, and sleep modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com