Electronic Components Datasheet Search
  English  ▼

X  

PC8245 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 18Page - ATMEL Corporation PC8245 Datasheet HTML 19Page - ATMEL Corporation PC8245 Datasheet HTML 20Page - ATMEL Corporation PC8245 Datasheet HTML 21Page - ATMEL Corporation PC8245 Datasheet HTML 22Page - ATMEL Corporation PC8245 Datasheet HTML 23Page - ATMEL Corporation PC8245 Datasheet HTML 24Page - ATMEL Corporation PC8245 Datasheet HTML 25Page - ATMEL Corporation PC8245 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
22
PC8245
2171D–HIREL–06/04
Power Characteristics
Table 3 provides power consumption data for the PC8245.
Notes:
1. The values include VDD, AVDD, and AVDD2 but do not include I/O supply power, see Section “Power Supply Sizing” on page
49, for information on OV
DD and GVDD supply power. Values shown in parenthesis ( ) indicate power consumption at
V
DD/AVDD/AVDD2 = 1.8V
2. Maximum – FP power is measured at VDD = 2.1V with dynamic power management enabled while running an entirely cache-
resident, looping, floating-point multiplication instruction.
3. Maximum – INT power is measured at V
DD = 2.1V with dynamic power management enabled while running entirely cache-
resident, looping, integer instructions.
4. Power saving mode maximums are measured at V
DD = 2.1V while the device is in doze, nap, or sleep mode.
5. Typical power is measured at V
DD = AVDD = 2.0V, OVDD = 3.3V where a nominal FP value, a nominal INT value, and a value
where there is a continuous flush of cache lines with alternating ones and zeros on 64-bit boundaries to local memory are
averaged.
6. Power saving mode data measured with only two PCI_CLKs and two SDRAM_CLKs enabled
7. The typical minimum I/O power values were results of the PC8245 performing cache resident integer operations at the slow-
est frequency combination of 33:66:200 (PCI:Mem:CPU) MHz
8. The typical maximum OV
DD value resulted from the PC8245 operating at the fastest frequency combination of 66:100:350
(PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros to PCI memory.
9. The typical maximum GV
DD value resulted from the PC8245 operating at the fastest frequency combination of 66:100:350
(PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros on 64-bit bound-
aries to local memory.
10. Power consumption of PLL supply pins (AV
DD and AVDD2) < 15 mW. Guaranteed by design and is not tested.
Table 3. Power Consumption
Mode
PCI Bus Clock/Memory Bus Clock
CPU Clock Frequency (MHz)
Unit
Notes
66/66/266
66/133/266
66/66/300
66/100/300
33/83/333
66/133/333
Typical
1.7
(1.5)
2.0
(1.8)
1.8
(1.7)
2.0
(1.8)
2.0
2.3
W
(1)(5)
Max – FP
2.2
(1.9)
2.4
(2.1)
2.3
(2.))
2.5
(2.2)
2.6
2.8
W
(1)(2)
Max – INT
1.8
(1.6)
2.1
(1.8)
2.0
(1.8)
2.1
(1.8)
2.2
2.4
W
(1)(3)
Doze
1.1
(1.0)
1.4
(1.3)
1.2
(1.1)
1.4
(1.3)
1.4
1.6
W
(1)(4)(6)
Nap
0.4
(0.4)
0.7
(0.7)
0.4
(0.4)
0.6
(0.6)
0.5
0.7
W
(1)(4)(6)
Sleep
0.2
(0.2)
0.4
(0.4)
0.2
(0.4)
0.3
(0.3)
0.3
0.4
W
(1)(4)(6)
I/O Power Supplies(10)
Mode
Minimum
Maximum
Unit
Notes
Typ – OV
DD
134 (121)
334 (301)
mW
(7)(8)
Typ – GV
DD
324 (292)
800 (720)
mW
(7)(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com