Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 6Page - SMSC Corporation USB3450 Datasheet HTML 7Page - SMSC Corporation USB3450 Datasheet HTML 8Page - SMSC Corporation USB3450 Datasheet HTML 9Page - SMSC Corporation USB3450 Datasheet HTML 10Page - SMSC Corporation USB3450 Datasheet HTML 11Page - SMSC Corporation USB3450 Datasheet HTML 12Page - SMSC Corporation USB3450 Datasheet HTML 13Page - SMSC Corporation USB3450 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
Revision 0.1 (05-11-05)
10
SMSC USB3450
DATASHEET
Chapter 3 Pin Configuration and Pin Definitions
The USB3450 is offered in a 40 pin QFN package. The pin definitions and locations are documented
below.
3.1
USB3450 Pin Locations
The flag of the QFN package must be connected to ground.
Figure 3.1 USB3450 Pinout - Top View
DATA[1]
DATA[0]
DATA[2]
DATA[3]
DATA[4]
DATA[5]
DATA[6]
DATA[7]
RXVALID
HOSTDISC
DM
DP
VDD3.3
RESET
TXVALID
SUSPENDN
TXREADY
TERMSEL
XCVRSEL0
NC
10
21
22
24
25
26
27
28
29
30
23
1
2
3
4
5
6
7
8
9
USB3450
Hi-Speed USB
UTMI+ PHY
40 Pin QFN
GND FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com