Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 22Page - SMSC Corporation USB3450 Datasheet HTML 23Page - SMSC Corporation USB3450 Datasheet HTML 24Page - SMSC Corporation USB3450 Datasheet HTML 25Page - SMSC Corporation USB3450 Datasheet HTML 26Page - SMSC Corporation USB3450 Datasheet HTML 27Page - SMSC Corporation USB3450 Datasheet HTML 28Page - SMSC Corporation USB3450 Datasheet HTML 29Page - SMSC Corporation USB3450 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
Revision 0.1 (05-11-05)
26
SMSC USB3450
DATASHEET
6.4.3
Bias Generator
This block consists of an internal bandgap reference circuit used for generating the high speed driver
currents and the biasing of the analog circuits. This block requires an external 12K
Ω, 1% tolerance,
external reference resistor connected from RBIAS to ground.
6.5
Crystal Oscillator and PLL
The USB3450 uses an internal crystal driver and PLL sub-system to provide a clean 480MHz reference
clock that is used by the PHY during both transmit and receive. The USB3450 requires a clean 24MHz
crystal or clock as a frequency reference. If the 24MHz reference is noisy or off frequency the PHY
may not operate correctly.
The USB3450 can use either a crystal or an external clock oscillator for the 24MHz reference. The
crystal is connected to the XI and XO pins as shown in the application diagram, Figure 7.9. If a clock
oscillator is used the clock should be connected to the XI input and the XO pin left floating. When an
external clock is used the XI pin is designed to be driven with a 0 to 3.3 volt signal. When using an
external clock the user needs to take care to ensure the external clock source is clean enough to not
degrade the high speed eye performance.
Once, the 480MHz PLL has locked to the correct frequency it will drive the CLKOUT pin with a 60MHz
clock. The USB3450 is guaranteed to start the clock within the time specified in Table 5.2.
6.6
Internal Regulators and POR
The USB3450 includes an integrated set of built in power management functions. These power
management features include a POR generation and allow the USB3450 to be powered from a single
3.3 volt power supply. This reduces the bill of materials and simplifies product design.
6.6.1
Internal Regulators
The USB3450 has two internal regulators that create two 1.8V outputs (labeled VDD1.8 and VDDA1.8)
from the 3.3volt power supply input (VDD3.3). Each regulator requires an external 4.7uF +/-20% low
ESR bypass capacitor to ensure stability. X5R or X7R ceramic capacitors are recommended since they
exhibit an ESR lower that 0.1ohm at frequencies greater than 10kHz..
The specific capacitor recommendations for each pin are detailed in Table 3.1, “USB3450 Pin
Definitions,” on page 11, and shown in Figure 7.9 USB3450 Application Diagram (Top View) on
page 39.
Note: The USB3450 regulators are designed to generate a 1.8 volt supply for the USB3450 only.
Using the regulators to provide current for other circuits is not recommended and SMSC does
not guarantee USB performance or regulator stability.
6.6.2
Power On Reset (POR)
The USB3450 provides an internal POR circuit that generates a reset pulse once the PHY supplies
are stable. The UTMI+ Digital can be reset at any time with the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com