Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 32Page - SMSC Corporation USB3450 Datasheet HTML 33Page - SMSC Corporation USB3450 Datasheet HTML 34Page - SMSC Corporation USB3450 Datasheet HTML 35Page - SMSC Corporation USB3450 Datasheet HTML 36Page - SMSC Corporation USB3450 Datasheet HTML 37Page - SMSC Corporation USB3450 Datasheet HTML 38Page - SMSC Corporation USB3450 Datasheet HTML 39Page - SMSC Corporation USB3450 Datasheet HTML 40Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
Revision 0.1 (05-11-05)
38
SMSC USB3450
DATASHEET
If the device was in FS mode: then the Link leaves the FS terminations enabled. After the SE0 expires,
the downstream port will assert a J state for one low-speed bit time, and the bus will enter a FS Idle
state (maintained by the FS terminations).
If the device was in HS mode: then the Link must switch to the FS terminations before the SE0 expires
(< 1.25µs). After the SE0 expires, the bus will then enter a HS IDLE state (maintained by the HS
terminations).
7.13
HS Device Attach
Figure 7.8 demonstrates the timing of the USB3450 control signals during a device attach event. When
a HS device is attached to an upstream port, power is asserted to the device and the device sets
XCVRSELECT and TERMSELECT to FS mode (time T1).
VBUS is the +5V power available on the USB cable. Device Reset in Figure 7.8 indicates that VBUS is
within normal operational range as defined in the Hi-Speed specification. The assertion of Device
Reset (T0) by the upstream port will initialize the device. By monitoring LINESTATE, the Link state
machine knows to set the XCVRSELECT and TERMSELECT signals to FS mode (T1).
The standard FS technique of using a pull-up resistor on DP to signal the attach of a FS device is
employed. The Link must then check the LINESTATE signals for SE0. If LINESTATE = SE0 is asserted
at time T2 then the upstream port is forcing the reset state to the device (i.e. Driven SE0). The device
will then reset itself before initiating the HS Detection Handshake protocol.
Figure 7.8 Device Attach Behavior
Table 7.10 Attach and Reset Timing Values
TIMING
PARAMETER
DESCRIPTION
VALUE
T0
Vbus Valid.
0 (reference)
T1
Maximum time from Vbus valid to when the device
must signal attach.
T0 + 100ms < T1
T2
(HS Reset T0)
Debounce interval. The device now enters the HS
Detection Handshake protocol.
T1 + 100ms < T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com