Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 10Page - SMSC Corporation USB3450 Datasheet HTML 11Page - SMSC Corporation USB3450 Datasheet HTML 12Page - SMSC Corporation USB3450 Datasheet HTML 13Page - SMSC Corporation USB3450 Datasheet HTML 14Page - SMSC Corporation USB3450 Datasheet HTML 15Page - SMSC Corporation USB3450 Datasheet HTML 16Page - SMSC Corporation USB3450 Datasheet HTML 17Page - SMSC Corporation USB3450 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
Revision 0.1 (05-11-05)
14
SMSC USB3450
DATASHEET
36
XI
Input,
Analog
N/A
Crystal pin. A 24MHz crystal is supported. The
crystal is placed across XI and XO. An external
24MHz clock source may be driven into XI in place
of a crystal.
37
VDDA1.8
N/A
N/A
1.8V regulator output for analog circuitry on chip.
Place a 0.1uF capacitor near this pin and connect
the capacitor from this pin to ground. In parallel,
place a 4.7uF low ESR capacitor near this pin and
connect the capacitor from this pin to ground. See
Section 6.6.1, "Internal Regulators".
38
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for Hi-Speed
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
39
VDD3.3
N/A
N/A
3.3V PHY Supply. Should be connected directly to
pin 39.
40
RBIAS
Analog,
CMOS
N/A
External 1% bias resistor. Requires a 12KΩ resistor
to ground.
GND FLAG
Ground
N/A
Ground. The flag must be connected to the ground
plane.
Table 3.1 USB3450 Pin Definitions (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com