Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 16Page - SMSC Corporation USB3450 Datasheet HTML 17Page - SMSC Corporation USB3450 Datasheet HTML 18Page - SMSC Corporation USB3450 Datasheet HTML 19Page - SMSC Corporation USB3450 Datasheet HTML 20Page - SMSC Corporation USB3450 Datasheet HTML 21Page - SMSC Corporation USB3450 Datasheet HTML 22Page - SMSC Corporation USB3450 Datasheet HTML 23Page - SMSC Corporation USB3450 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
Revision 0.1 (05-11-05)
20
SMSC USB3450
DATASHEET
Chapter 6 Detailed Functional Overview
Figure 2.1 on page 9 shows the functional block diagram of the USB3450. Each of the functions is
described in detail below.
6.1
8bit Bi-Directional Data Bus Operation
The USB3450 supports an 8-bit bi-directional parallel interface.
■
CLKOUT runs at 60MHz
■
The 8-bit data bus (DATA[7:0]) is used for transmit when TXVALID = 1
■
The 8-bit data bus (DATA[7:0]) is used for receive when TXVALID = 0
Figure 6.1 shows the relationship between CLKOUT and the transmit data transfer signals in FS mode.
TXREADY is only asserted for one CLKOUT per byte time to signal the Link that the data on the DATA
lines has been read by the PHY. The Link may hold the data on the DATA lines for the duration of the
byte time. Transitions of TXVALID must meet the defined setup and hold times relative to CLKOUT.
Figure 6.2 shows the relationship between CLKOUT and the receive data control signals in FS mode.
RXACTIVE “frames” a packet, transitioning only at the beginning and end of a packet. However
transitions of RXVALID may take place any time 8 bits of data are available. Figure 6.2 also shows
how RXVALID is only asserted for one CLKOUT cycle per byte time even though the data may be
presented for the full byte time. The XCVRSELECT signal determines whether the HS or FS timing
relationship is applied to the data and control signals.
Figure 6.1 FS CLK Relationship to Transmit Data and Control Signals
Figure 6.2 FS CLK Relationship to Receive Data and Control Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com