Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 15Page - SMSC Corporation USB3450 Datasheet HTML 16Page - SMSC Corporation USB3450 Datasheet HTML 17Page - SMSC Corporation USB3450 Datasheet HTML 18Page - SMSC Corporation USB3450 Datasheet HTML 19Page - SMSC Corporation USB3450 Datasheet HTML 20Page - SMSC Corporation USB3450 Datasheet HTML 21Page - SMSC Corporation USB3450 Datasheet HTML 22Page - SMSC Corporation USB3450 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
19
Revision 0.1 (05-11-05)
DATASHEET
Note: VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified
Table 5.6 Regulator Output Voltages
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDDA1.8
VDDA1.8
Normal Operation
(SUSPENDN = 1)
1.6
1.8
2.0
V
VDDA1.8
VDDA1.8
Low Power mode
(SUSPENDN = 0)
0V
VDD1.8
VDD1.8
1.6
1.8
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com