Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 7Page - SMSC Corporation USB3450 Datasheet HTML 8Page - SMSC Corporation USB3450 Datasheet HTML 9Page - SMSC Corporation USB3450 Datasheet HTML 10Page - SMSC Corporation USB3450 Datasheet HTML 11Page - SMSC Corporation USB3450 Datasheet HTML 12Page - SMSC Corporation USB3450 Datasheet HTML 13Page - SMSC Corporation USB3450 Datasheet HTML 14Page - SMSC Corporation USB3450 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
11
Revision 0.1 (05-11-05)
DATASHEET
3.2
Pin Definitions
Table 3.1 USB3450 Pin Definitions
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION
1
XCVRSEL[0]
Input
N/A
Transceiver Select. These signals select between
the FS and HS transceivers:
Transceiver select.
00: HS
01: FS
10: LS
11: LS data, FS rise/fall times
2
TERMSEL
Input
N/A
Termination Select. This signal selects between the
FS and HS terminations:
0: HS termination enabled
1: FS termination enabled
3
TXREADY
Output
High
Transmit Data Ready. If TXVALID is asserted, the
Link must always have data available for clocking
into the TX Holding Register on the rising edge of
CLKOUT. TXREADY is an acknowledgement to the
Link that the transceiver has clocked the data from
the bus and is ready for the next transfer on the bus.
If TXVALID is negated, TXREADY can be ignored by
the Link.
4
SUSPENDN
Input
Low
Suspend. Places the transceiver in a mode that
draws minimal power from supplies. In host mode,
RPU is removed during suspend. In device mode,
RPD is controlled by TERMSEL. In suspend mode
the clocks are off.
0: PHY in suspend mode
1: PHY in normal operation
5
TXVALID
Input
High
Transmit Valid. Indicates that the DATA bus is valid
for transmit. The assertion of TXVALID initiates the
transmission of SYNC on the USB bus. The
negation of TXVALID initiates EOP on the USB.
Control inputs (OPMODE[1:0],
TERMSEL,XCVERSEL) must not be changed on the
de-assertion or assertion of TXVALID.
6
RESET
Input
High
Reset. Reset all state machines. After coming out
of reset, must wait 5 rising edges of clock before
asserting TXValid for transmit.
Assertion of Reset: May be asynchronous to
CLKOUT
De-assertion of Reset: Must be synchronous to
CLKOUT
7
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for Hi-Speed
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
8
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
9
DM
I/O,
Analog
N/A
D- pin of the USB cable.
10
NC
N/A
N/A
No Connect.
11
VDD3.3
N/A
N/A
3.3V PHY Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com