Electronic Components Datasheet Search
  English  ▼

X  

USB3450 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 23Page - SMSC Corporation USB3450 Datasheet HTML 24Page - SMSC Corporation USB3450 Datasheet HTML 25Page - SMSC Corporation USB3450 Datasheet HTML 26Page - SMSC Corporation USB3450 Datasheet HTML 27Page - SMSC Corporation USB3450 Datasheet HTML 28Page - SMSC Corporation USB3450 Datasheet HTML 29Page - SMSC Corporation USB3450 Datasheet HTML 30Page - SMSC Corporation USB3450 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
27
Revision 0.1 (05-11-05)
DATASHEET
Chapter 7 Application Notes
The following sections consist of select functional explanations to aid in implementing the USB3450
into a system. For complete description and specifications consult the Hi-Speed Transceiver Macrocell
Interface Specification and Universal Serial Bus Specification Revision 2.0.
7.1
Linestate
The voltage thresholds that the LINESTATE[1:0] signals use to reflect the state of DP and DM depend
on the state of XCVRSELECT. LINESTATE[1:0] uses HS thresholds when the HS transceiver is
enabled (XCVRSELECT = 0) and FS thresholds when the FS transceiver is enabled (XCVRSELECT
= 1). There is not a concept of variable single-ended thresholds in the Hi-Speed specification for HS
mode.
The HS receiver is used to detect Chirp J or K, where the output of the HS receiver is always qualified
with the Squelch signal. If squelched, the output of the HS receiver is ignored. In the USB3450, as an
alternative to using variable thresholds for the single-ended receivers, the following approach is used.
In HS mode, 3ms of no USB activity (IDLE state) signals a reset. The Link monitors LINESTATE[1:0]
for the IDLE state. To minimize transitions on LINESTATE[1:0] while in HS mode, the presence of
Squelch
is used to force LINESTATE[1:0] to a J state.
7.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
Table 7.1 Linestate States
STATE OF DP/DM LINES
LINESTATE[1:0]
FULL SPEED
XCVRSELECT =1
TERMSELECT=1
HIGH SPEED
XCVRSELECT =0
TERMSELECT=0
CHIRP MODE
XCVRSELECT =0
TERMSELECT=1
LS[1]
LS[0]
0
0
SE0
Squelch
Squelch
01
J
Squelch
Squelch
&
HS Diff. Receiver Output
1
0
K
Invalid
Squelch
&
HS Diff. Receiver Output
1
1
SE1
Invalid
Invalid
Table 7.2 Operational Modes
MODE[1:0]
STATE#
STATE NAME
DESCRIPTION
00
0
Normal Operation
Transceiver operates with normal USB data encoding and
decoding
01
1
Non-Driving
Allows the transceiver logic to support a soft disconnect feature
which tri-states both the HS and FS transmitters, and removes
any termination from the USB making it appear to an upstream
port that the device has been disconnected from the bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com