Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 59 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 59 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 55Page - Nuvoton Technology Corporation M263 Datasheet HTML 56Page - Nuvoton Technology Corporation M263 Datasheet HTML 57Page - Nuvoton Technology Corporation M263 Datasheet HTML 58Page - Nuvoton Technology Corporation M263 Datasheet HTML 59Page - Nuvoton Technology Corporation M263 Datasheet HTML 60Page - Nuvoton Technology Corporation M263 Datasheet HTML 61Page - Nuvoton Technology Corporation M263 Datasheet HTML 62Page - Nuvoton Technology Corporation M263 Datasheet HTML 63Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 59 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
I2C2_SDA
I/O
MFP9
I
2C2 data input/output pin.
UART1_RXD
I
MFP10
UART1 data receiver input pin.
109 PH.10
I/O
MFP0
General purpose digital I/O pin.
EBI_AD14
I/O
MFP2
EBI address/data bus bit 14.
QSPI0_MISO1
I/O
MFP3
QSPI0 MISO1 (Master In, Slave Out) pin.
SC2_nCD
I
MFP4
Smart Card 2 card detect pin.
I2S0_LRCK
O
MFP5
I
2S0 left right channel clock output pin.
SPI1_I2SMCLK
I/O
MFP6
SPI1 I
2S master clock output pin
UART4_TXD
O
MFP7
UART4 data transmitter output pin.
UART0_TXD
O
MFP8
UART0 data transmitter output pin.
110 PH.11
I/O
MFP0
General purpose digital I/O pin.
EBI_AD15
I/O
MFP2
EBI address/data bus bit 15.
QSPI0_MOSI1
I/O
MFP3
QSPI0 MOSI1 (Master Out, Slave In) pin.
UART4_RXD
I
MFP7
UART4 data receiver input pin.
UART0_RXD
I
MFP8
UART0 data receiver input pin.
EPWM0_CH5
I/O
MFP11
EPWM0 channel 5 output/capture input.
111 PD.14
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
SPI3_I2SMCLK
I/O
MFP3
SPI3 I
2S master clock output pin
SC1_nCD
I
MFP4
Smart Card 1 card detect pin.
USCI0_CTL0
I/O
MFP5
USCI0 control 0 pin.
SPI0_I2SMCLK
I/O
MFP6
SPI0 I
2S master clock output pin
EPWM0_CH4
I/O
MFP11
EPWM0 channel 4 output/capture input.
25
49 112 VSS
P
MFP0
Ground pin for digital circuit.
26
50 113 Vsw
MFP0
27
51 114 VDD
P
MFP0
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
28
52 115 LDO_CAP
A
MFP0
LDO output pin.
53 116 PB.15
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH15
A
MFP1
EADC0 channel 15 analog input.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
SC1_PWR
O
MFP3
Smart Card 1 power pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
USCI0_CTL1
I/O
MFP5
USCI0 control 1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com