Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 7Page - Nuvoton Technology Corporation M263 Datasheet HTML 8Page - Nuvoton Technology Corporation M263 Datasheet HTML 9Page - Nuvoton Technology Corporation M263 Datasheet HTML 10Page - Nuvoton Technology Corporation M263 Datasheet HTML 11Page - Nuvoton Technology Corporation M263 Datasheet HTML 12Page - Nuvoton Technology Corporation M263 Datasheet HTML 13Page - Nuvoton Technology Corporation M263 Datasheet HTML 14Page - Nuvoton Technology Corporation M263 Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 11 of 398
Rev 1.02
1
GENERAL DESCRIPTION
The NuMicro
® M261/M262/M263 series is a low-power microcontroller platform based on Arm®
Cortex
® -M23 core for Armv8-M architecture. It runs up to 64 MHz with 512 Kbytes embedded
Flash memory in dual bank mode supporting Over-The-Air (OTA) firmware update and 96 Kbytes
embedded SRAM. The 32-bit low-power microcontrollers supports low supply voltage from 1.8 ~
3.6V and operating temperature range from -40℃ ~ +105 ℃.
Low-power Technology for IoT application
Low power and robust security are two major vitals for Internet-of-Things (IoT) applications. The
NuMicro
® M261/M262/M263 series provides multi power modes for diverse operating scenarios,
such as Power-down mode (PD), Fast Wake-up Power-down mode (FWPD), Low leakage Power-
down mode (LLPD), Ultra Low leakage Power-down mode (ULLPD), Standby Power-down mode
(SPD) and Deep Power-down mode (DPD). The NuMicro
®
M261/M262/M263 series also
integrates RTC with independent VBAT voltage source pin to support low power mode with main
power off and VBAT only. Regarding the power consumption of the NuMicro
® M261/M262/M263
series,
97 μA/MHz (LDO mode) and 45 μA/MHz (DC-DC mode) in normal run mode, 2.8 μA in
Standby Power-down mode, and
less than 2μA in Deep Power-down mode without V
BAT. It’s low
power, wide supply voltage and fast wake-up features make it suitable for battery-powered IoT
applications.
Secure Boot - Make sure your products in secure execution
The NuMicro
® M261/M262/M263 series provides secure boot function for a system developer to
create a secure execution system in the microcontroller. The secure boot is a chain of secure
process for verifying each software identity and integrity on the system. Secure boot can help to
make sure that a device boots using only software that is trusted by the original developer. When
the MCU starts, the firmware checks the signature of boot software, if the signatures are valid, the
MCU boots, and the firmware gives control to the operating system. Otherwise, the system will
not run at all.
eXecute-Only-Memory (XOM) - Protect the intelligent property of developers
The NuMicro
®
M261/M262/M263 series provides 4-region programable eXecute-Only-Memory
(XOM) to secure critical program code. The AES 256/192/128 hardware accelerator and True
Random Number Generator (TRNG) are built-in for data encryption. Up to six tamper detection
pins are implemented to avoid malicious damage from hacker. Accompany with 96-bit Unique
Identification (UID) and 128-bit Unique Customer Identification (UCID) to enhance the product
security.
The NuMicro
® M261/M262/M263 series is equipped with plenty of peripherals such as Timers,
Watchdog Timers, RTC, PDMA, External Bus Interface (EBI), Low-power UART, Universal Serial
Control Interface (USCI), Qual SPI (QSPI), SPI/I²S, I
2C, Smart Card Interface (ISO-7816-3),
GPIOs, up to 24 channels of PWM, makes it highly suitable for connecting comprehensive
external modules and LED lighting control. The NuMicro
®
M261/M262/M263 series also
integrates high performance analog front-end circuit blocks, such as one 16 channels of 12-bit
3.76 MSPS SAR ADC, two 12-bit 1 MSPS voltage type DAC, two rail-to-rail analog comparator
(ACMP), temperature sensor, low voltage reset (LVR) and brown-out detector (BOD) to enhance
product performance, reduce external components and form factor simultaneously.
Voltage Adjustable Interface (VAI) - Support 2
nd I/O voltage without level-shifter
The NuMicro
® M261/M262/M263 series integrates Voltage Adjustable Interface (VAI), up to 6 I/O
pins to support the 2nd I/O voltage from 1.7 ~ 3.6V to save level shifter components while
connecting to external devices.
Secure Digital Host Controller (SDHC)
The NuMicro
®
M261/M262/M263 series integrates one set of Secure Digital Host Controller
(SDHC), which is compliant with SD Memory Card Specification Version 2.0. It supports 50 MHz
to achieve 200 Mbps at 3.3V operation, and dedicated DMA master with Scatter-Gather function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com