Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 22 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 22 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 18Page - Nuvoton Technology Corporation M263 Datasheet HTML 19Page - Nuvoton Technology Corporation M263 Datasheet HTML 20Page - Nuvoton Technology Corporation M263 Datasheet HTML 21Page - Nuvoton Technology Corporation M263 Datasheet HTML 22Page - Nuvoton Technology Corporation M263 Datasheet HTML 23Page - Nuvoton Technology Corporation M263 Datasheet HTML 24Page - Nuvoton Technology Corporation M263 Datasheet HTML 25Page - Nuvoton Technology Corporation M263 Datasheet HTML 26Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 22 of 398
Rev 1.02
 Built-in DMA
USB 2.0 Full Speed Device Controller
 Compliant with USB Revision 2.0 Specification
 Supports suspend function when no bus activity existing for 3 ms
 12 configurable endpoints for configurable Isochronous, Bulk,
Interrupt and Control transfer types
 1024 bytes configurable RAM for endpoint buffer
 Remote wake-up capability
Cryptography Accelerator
Elliptic Curve Cryptography (ECC)
 Hardware ECC accelerator
 Supports both prime field GF(p) and binary field GF(2m)
 Supports NIST P-192, P-224, P-256, P-384 and P-521 curve sizes
 Supports NIST B-163, B-233, B-283, B-409 and B-571 curve sizes
 Supports NIST K-163, K-233, K-283, K-409 and K-571 curve sizes
 Supports point multiplication, addition and doubling operations in
GF(p) and GF(2m)
 Supports modulus division, multiplication, addition and subtraction
operations in GF(p)
Advanced Encryption Standard
(AES)
 Hardware AES accelerator
 Supports 128-bit, 192-bit and 256-bit key length and key expander,
and is compliant with FIPS 197
 Supports ECB, CBC, CFB, OFB, CTR, CBC-CS1, CBC-CS2 and
CBC-CS3 block cipher modes
 Compliant with NIST SP800-38A and addendum
Data Encryption Standard (DES)
 Hardware DES accelerator
 Supports ECB, CBC, CFB, OFB, and CTR block cipher mode
 Compliant with FIPS 46-3
Triple Data Encryption Standard
(3DES)
 Hardware Triple DES accelerator
 Supports two or three different keys in each round
 Supports ECB, CBC, CFB, OFB, and CTR block cipher mode
 Implemented based on X9.52 standard and compliant with FIPS SP
800-67
Secure Hash Algorithm (SHA)
 Hardware SHA accelerator
 Supports SHA-160, SHA-224, SHA-256 and SHA-384
 Compliant with FIPS 180/180-2
Pseudo Random Number
Generator (PRNG)
 Supports 64-bit, 128-bit, 192-bit and 256-bit random number
generation
True Randon Number Generator
(TRNG)
 Up to 800 random bits per second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com