Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 16 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 16 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 12Page - Nuvoton Technology Corporation M263 Datasheet HTML 13Page - Nuvoton Technology Corporation M263 Datasheet HTML 14Page - Nuvoton Technology Corporation M263 Datasheet HTML 15Page - Nuvoton Technology Corporation M263 Datasheet HTML 16Page - Nuvoton Technology Corporation M263 Datasheet HTML 17Page - Nuvoton Technology Corporation M263 Datasheet HTML 18Page - Nuvoton Technology Corporation M263 Datasheet HTML 19Page - Nuvoton Technology Corporation M263 Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 16 of 398
Rev 1.02
counter
 Supports dead time with maximum divided 12-bit prescale
 Up, down or up-down PWM counter type
 Supports complementary mode for 3 complementary paired PWM
output channels
 Synchronous function for phase control
 Counter synchronous start function
 Brake function with auto recovery mechanism
 Mask function and tri-state output for each PWM channel
 Able to trigger EADC or DAC to start conversion
Basic PWM (BPWM)
 Two 16-bit counters with 12-bit clock prescale for twelve 64 MHz
PWM output channels
 Up to 6 independent input capture channels with 16-bit resolution
counter
 Up, down or up-down PWM counter type
 Counter synchronous start function
 Complementary mode for 3 complementary paired PWM output
channels
 Mask function and tri-state output for each PWM channel
 Able to trigger EADC to start conversion
Watchdog
 18-bit free running up counter for WDT time-out interval
 Supports multiple clock sources from LIRC (default selection),
HCLK/2048 and LXT with 8 selectable time-out period
 Able to wake up system from Power-down or Idle mode
 Time-out event to trigger interrupt or reset system
 Supports four WDT reset delay periods, including 1026, 130, 18 or 3
WDT_CLK reset delay period
 Configured to force WDT enabled on chip power-on or reset
Window Watchdog
 Clock sourced from HCLK/2048 or LIRC; the window set by 6-bit
down counter with 11-bit prescale
 Suspended in Idle/Power-down mode
Analog Interfaces
Enhanced Analog-to-Digital
Converter (EADC)
 One 12-bit, 19-ch 3.43 MSPS SAR EADC with up to 16 single-
ended input channels or 8 differential input pairs; 10-bit accuracy is
guaranteed.
 Three internal channels for V
BAT, band-gap VBG input and
Temperature sensor input.
 Supports external V
REF pin or internal reference voltage VREF: 1.6V,
2.0V, 2.5V, and 3.0V.
 Two power saving modes: Power-down mode and Standby mode.
 Supports calibration capability.
 Analog-to-Digital conversion can be triggered by software enable,
external pin, Timer 0~3 overflow pulse trigger or EPWM trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com