Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 103 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 103 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 99Page - Nuvoton Technology Corporation M263 Datasheet HTML 100Page - Nuvoton Technology Corporation M263 Datasheet HTML 101Page - Nuvoton Technology Corporation M263 Datasheet HTML 102Page - Nuvoton Technology Corporation M263 Datasheet HTML 103Page - Nuvoton Technology Corporation M263 Datasheet HTML 104Page - Nuvoton Technology Corporation M263 Datasheet HTML 105Page - Nuvoton Technology Corporation M263 Datasheet HTML 106Page - Nuvoton Technology Corporation M263 Datasheet HTML 107Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 103 of 398
Rev 1.02
Pin Name
Type
MFP
Description
PD.12
PD.12
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
UART2_RXD
I
MFP7
UART2 data receiver input pin.
BPWM0_CH5
I/O
MFP9
BPWM0 channel 5 output/capture input.
QEI0_INDEX
I
MFP10
Quadrature encoder 0 index input
CLKO
O
MFP13
Clock Out
EADC0_ST
I
MFP14
EADC0 external trigger input.
INT5
I
MFP15
External interrupt 5 input pin.
PD.13
PD.13
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
SD0_nCD
I
MFP3
SD/SDIO0 card detect input pin
SPI0_I2SMCLK
I/O
MFP4
SPI0 I
2S master clock output pin
SPI1_I2SMCLK
I/O
MFP5
SPI1 I
2S master clock output pin
SC2_nCD
I
MFP7
Smart Card 2 card detect pin.
PD.14
PD.14
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
SPI3_I2SMCLK
I/O
MFP3
SPI3 I
2S master clock output pin
SC1_nCD
I
MFP4
Smart Card 1 card detect pin.
USCI0_CTL0
I/O
MFP5
USCI0 control 0 pin.
SPI0_I2SMCLK
I/O
MFP6
SPI0 I
2S master clock output pin
EPWM0_CH4
I/O
MFP11
EPWM0 channel 4 output/capture input.
PE.0
PE.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
QSPI0_MOSI0
I/O
MFP3
QSPI0 MOSI0 (Master Out, Slave In) pin.
SC2_CLK
O
MFP4
Smart Card 2 clock pin.
I2S0_MCLK
O
MFP5
I
2S0 master clock output pin.
SPI1_MOSI
I/O
MFP6
SPI1 MOSI (Master Out, Slave In) pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
I2C1_SDA
I/O
MFP8
I
2C1 data input/output pin.
UART4_nRTS
O
MFP9
UART4 request to Send output pin.
PE.1
PE.1
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
QSPI0_MISO0
I/O
MFP3
QSPI0 MISO0 (Master In, Slave Out) pin.
SC2_DAT
I/O
MFP4
Smart Card 2 data pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com