Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 111 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 111 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 107Page - Nuvoton Technology Corporation M263 Datasheet HTML 108Page - Nuvoton Technology Corporation M263 Datasheet HTML 109Page - Nuvoton Technology Corporation M263 Datasheet HTML 110Page - Nuvoton Technology Corporation M263 Datasheet HTML 111Page - Nuvoton Technology Corporation M263 Datasheet HTML 112Page - Nuvoton Technology Corporation M263 Datasheet HTML 113Page - Nuvoton Technology Corporation M263 Datasheet HTML 114Page - Nuvoton Technology Corporation M263 Datasheet HTML 115Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 111 of 398
Rev 1.02
Pin Name
Type
MFP
Description
SPI1_MOSI
I/O
MFP3
SPI1 MOSI (Master Out, Slave In) pin.
PH.6
PH.6
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR1
O
MFP2
EBI address bus bit 1.
SPI1_CLK
I/O
MFP3
SPI1 serial clock pin.
PH.7
PH.7
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR0
O
MFP2
EBI address bus bit 0.
SPI1_SS
I/O
MFP3
SPI1 slave select pin.
PH.8
PH.8
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
QSPI0_CLK
I/O
MFP3
QSPI0 serial clock pin.
SC2_PWR
O
MFP4
Smart Card 2 power pin.
I2S0_DI
I
MFP5
I
2S0 data input pin.
SPI1_CLK
I/O
MFP6
SPI1 serial clock pin.
UART3_nRTS
O
MFP7
UART3 request to Send output pin.
I2C1_SMBAL
O
MFP8
I
2C1 SMBus SMBALTER pin
I2C2_SCL
I/O
MFP9
I
2C2 clock pin.
UART1_TXD
O
MFP10
UART1 data transmitter output pin.
PH.9
PH.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
QSPI0_SS
I/O
MFP3
QSPI0 slave select pin.
SC2_RST
O
MFP4
Smart Card 2 reset pin.
I2S0_DO
O
MFP5
I
2S0 data output pin.
SPI1_SS
I/O
MFP6
SPI1 slave select pin.
UART3_nCTS
I
MFP7
UART3 clear to Send input pin.
I2C1_SMBSUS
O
MFP8
I
2C1 SMBus SMBSUS pin (PMBus CONTROL pin)
I2C2_SDA
I/O
MFP9
I
2C2 data input/output pin.
UART1_RXD
I
MFP10
UART1 data receiver input pin.
PH.10
PH.10
I/O
MFP0
General purpose digital I/O pin.
EBI_AD14
I/O
MFP2
EBI address/data bus bit 14.
QSPI0_MISO1
I/O
MFP3
QSPI0 MISO1 (Master In, Slave Out) pin.
SC2_nCD
I
MFP4
Smart Card 2 card detect pin.
I2S0_LRCK
O
MFP5
I
2S0 left right channel clock output pin.
SPI1_I2SMCLK
I/O
MFP6
SPI1 I
2S master clock output pin
UART4_TXD
O
MFP7
UART4 data transmitter output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com