Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 117 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 117 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 113Page - Nuvoton Technology Corporation M263 Datasheet HTML 114Page - Nuvoton Technology Corporation M263 Datasheet HTML 115Page - Nuvoton Technology Corporation M263 Datasheet HTML 116Page - Nuvoton Technology Corporation M263 Datasheet HTML 117Page - Nuvoton Technology Corporation M263 Datasheet HTML 118Page - Nuvoton Technology Corporation M263 Datasheet HTML 119Page - Nuvoton Technology Corporation M263 Datasheet HTML 120Page - Nuvoton Technology Corporation M263 Datasheet HTML 121Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 117 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
DAC0_ST
I
MFP14
DAC0 external trigger input.
10
15 PA.9
I/O
MFP0
General purpose digital I/O pin.
EBI_MCLK
O
MFP2
EBI external clock output pin.
SC2_DAT
I/O
MFP3
Smart Card 2 data pin.
SPI2_MISO
I/O
MFP4
SPI2 MISO (Master In, Slave Out) pin.
USCI0_DAT1
I/O
MFP6
USCI0 data 1 pin.
UART1_TXD
O
MFP7
UART1 data transmitter output pin.
BPWM0_CH2
I/O
MFP9
BPWM0 channel 2 output/capture input.
QEI1_A
I
MFP10
Quadrature encoder 1 phase A input
ECAP0_IC1
I
MFP11
Enhanced capture unit 0 input 1 pin.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
11
16 PA.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ALE
O
MFP2
EBI address latch enable output pin.
SC2_CLK
O
MFP3
Smart Card 2 clock pin.
SPI2_MOSI
I/O
MFP4
SPI2 MOSI (Master Out, Slave In) pin.
USCI0_CTL1
I/O
MFP6
USCI0 control 1 pin.
UART1_RXD
I
MFP7
UART1 data receiver input pin.
BPWM0_CH3
I/O
MFP9
BPWM0 channel 3 output/capture input.
QEI1_B
I
MFP10
Quadrature encoder 1 phase B input
ECAP0_IC2
I
MFP11
Enhanced capture unit 0 input 2 pin.
TM3_EXT
I/O
MFP13
Timer3 external capture input/toggle output pin.
INT4
I
MFP15
External interrupt 4 input pin.
17 PC.13
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR10
O
MFP2
EBI address bus bit 10.
SC2_nCD
I
MFP3
Smart Card 2 card detect pin.
SPI2_I2SMCLK
I/O
MFP4
SPI2 I
2S master clock output pin
USCI0_CTL0
I/O
MFP6
USCI0 control 0 pin.
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
BPWM0_CH4
I/O
MFP9
BPWM0 channel 4 output/capture input.
CLKO
O
MFP13
Clock Out
EADC0_ST
I
MFP14
EADC0 external trigger input.
18 PD.12
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
UART2_RXD
I
MFP7
UART2 data receiver input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com