Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 132 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 132 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 128Page - Nuvoton Technology Corporation M263 Datasheet HTML 129Page - Nuvoton Technology Corporation M263 Datasheet HTML 130Page - Nuvoton Technology Corporation M263 Datasheet HTML 131Page - Nuvoton Technology Corporation M263 Datasheet HTML 132Page - Nuvoton Technology Corporation M263 Datasheet HTML 133Page - Nuvoton Technology Corporation M263 Datasheet HTML 134Page - Nuvoton Technology Corporation M263 Datasheet HTML 135Page - Nuvoton Technology Corporation M263 Datasheet HTML 136Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 132 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
SPI2_MISO
I/O
MFP5
SPI2 MISO (Master In, Slave Out) pin.
I2C2_SCL
I/O
MFP6
I
2C2 clock pin.
SC2_DAT
I/O
MFP7
Smart Card 2 data pin.
BPWM1_CH4
I/O
MFP11
BPWM1 channel 4 output/capture input.
QEI1_B
I
MFP12
Quadrature encoder 1 phase B input
USB_D+
A
MFP14
USB differential signal D+.
24
48
96 PA.15
I/O
MFP0
General purpose digital I/O pin.
I2S0_DO
O
MFP2
I
2S0 data output pin.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
SPI2_MOSI
I/O
MFP5
SPI2 MOSI (Master Out, Slave In) pin.
I2C2_SDA
I/O
MFP6
I
2C2 data input/output pin.
SC2_CLK
O
MFP7
Smart Card 2 clock pin.
BPWM1_CH5
I/O
MFP11
BPWM1 channel 5 output/capture input.
EPWM0_SYNC_IN
I
MFP12
EPWM0 counter synchronous trigger input pin.
USB_OTG_ID
I
MFP14
USB_ identification.
97 PE.7
I/O
MFP0
General purpose digital I/O pin.
SD0_CMD
I/O
MFP3
SD/SDIO0 command/response pin
UART5_TXD
O
MFP8
UART5 data transmitter output pin.
QEI1_INDEX
I
MFP11
Quadrature encoder 1 index input
EPWM0_CH0
I/O
MFP12
EPWM0 channel 0 output/capture input.
BPWM0_CH5
I/O
MFP13
BPWM0 channel 5 output/capture input.
98 PE.6
I/O
MFP0
General purpose digital I/O pin.
SD0_CLK
O
MFP3
SD/SDIO0 clock output pin
SPI3_I2SMCLK
I/O
MFP5
SPI3 I
2S master clock output pin
SC0_nCD
I
MFP6
Smart Card 0 card detect pin.
USCI0_CTL0
I/O
MFP7
USCI0 control 0 pin.
UART5_RXD
I
MFP8
UART5 data receiver input pin.
QEI1_A
I
MFP11
Quadrature encoder 1 phase A input
EPWM0_CH1
I/O
MFP12
EPWM0 channel 1 output/capture input.
BPWM0_CH4
I/O
MFP13
BPWM0 channel 4 output/capture input.
99 PE.5
I/O
MFP0
General purpose digital I/O pin.
EBI_nRD
O
MFP2
EBI read enable output pin.
SD0_DAT3
I/O
MFP3
SD/SDIO0 data line bit 3.
SPI3_SS
I/O
MFP5
SPI3 slave select pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com