Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 137 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 137 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 133Page - Nuvoton Technology Corporation M263 Datasheet HTML 134Page - Nuvoton Technology Corporation M263 Datasheet HTML 135Page - Nuvoton Technology Corporation M263 Datasheet HTML 136Page - Nuvoton Technology Corporation M263 Datasheet HTML 137Page - Nuvoton Technology Corporation M263 Datasheet HTML 138Page - Nuvoton Technology Corporation M263 Datasheet HTML 139Page - Nuvoton Technology Corporation M263 Datasheet HTML 140Page - Nuvoton Technology Corporation M263 Datasheet HTML 141Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 137 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
EPWM1_CH2
I/O
MFP11
EPWM1 channel 2 output/capture input.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
31
56 119 PB.12
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH12
A
MFP1
EADC0 channel 12 analog input.
DAC0_OUT
A
MFP1
DAC0 channel analog output.
ACMP0_P2
A
MFP1
Analog comparator 0 positive input 2 pin.
ACMP1_P2
A
MFP1
Analog comparator 1 positive input 2 pin.
EBI_AD15
I/O
MFP2
EBI address/data bus bit 15.
SC1_CLK
O
MFP3
Smart Card 1 clock pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
USCI0_CLK
I/O
MFP5
USCI0 clock pin.
UART0_RXD
I
MFP6
UART0 data receiver input pin.
UART3_nCTS
I
MFP7
UART3 clear to Send input pin.
I2C2_SDA
I/O
MFP8
I
2C2 data input/output pin.
SD0_nCD
I
MFP9
SD/SDIO0 card detect input pin
EPWM1_CH3
I/O
MFP11
EPWM1 channel 3 output/capture input.
TM3_EXT
I/O
MFP13
Timer3 external capture input/toggle output pin.
32
57 120 AVDD
P
MFP0
Power supply for internal analog circuit.
58 121 VREF
A
MFP0
ADC reference voltage input.
Note: This pin needs to be connected with a 1uF capacitor.
59 122 AVSS
P
MFP0
Ground pin for analog circuit.
60 123 PB.11
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH11
A
MFP1
EADC0 channel 11 analog input.
EBI_ADR16
O
MFP2
EBI address bus bit 16.
UART0_nCTS
I
MFP5
UART0 clear to Send input pin.
UART4_TXD
O
MFP6
UART4 data transmitter output pin.
I2C1_SCL
I/O
MFP7
I
2C1 clock pin.
SPI0_I2SMCLK
I/O
MFP9
SPI0 I
2S master clock output pin
BPWM1_CH0
I/O
MFP10
BPWM1 channel 0 output/capture input.
SPI3_CLK
I/O
MFP11
SPI3 serial clock pin.
61 124 PB.10
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH10
A
MFP1
EADC0 channel 10 analog input.
EBI_ADR17
O
MFP2
EBI address bus bit 17.
USCI1_CTL0
I/O
MFP4
USCI1 control 0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com