Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 145 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 145 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 141Page - Nuvoton Technology Corporation M263 Datasheet HTML 142Page - Nuvoton Technology Corporation M263 Datasheet HTML 143Page - Nuvoton Technology Corporation M263 Datasheet HTML 144Page - Nuvoton Technology Corporation M263 Datasheet HTML 145Page - Nuvoton Technology Corporation M263 Datasheet HTML 146Page - Nuvoton Technology Corporation M263 Datasheet HTML 147Page - Nuvoton Technology Corporation M263 Datasheet HTML 148Page - Nuvoton Technology Corporation M263 Datasheet HTML 149Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 145 of 398
Rev 1.02
Group
Pin Name
GPIO
MFP
Type
Description
PF.6
MFP7
O
PF.3
MFP2
O
PD.14
MFP2
O
PB.7
MFP8
O
EBI_nCS1
PB.6
MFP8
O
EBI chip select 1 output pin.
PD.11
MFP2
O
PF.2
MFP2
O
EBI_nCS2
PD.10
MFP2
O
EBI chip select 2 output pin.
EBI_nRD
PA.11
MFP2
O
EBI read enable output pin.
PE.5
MFP2
O
EBI_nWR
PA.10
MFP2
O
EBI write enable output pin.
PE.4
MFP2
O
EBI_nWRH
PB.6
MFP2
O
EBI high byte write enable output pin
EBI_nWRL
PB.7
MFP2
O
EBI low byte write enable output pin.
ECAP0
ECAP0_IC0
PA.10
MFP11
I
Enhanced capture unit 0 input 0 pin.
PE.8
MFP12
I
ECAP0_IC1
PA.9
MFP11
I
Enhanced capture unit 0 input 1 pin.
PE.9
MFP12
I
ECAP0_IC2
PA.8
MFP11
I
Enhanced capture unit 0 input 2 pin.
PE.10
MFP12
I
ECAP1
ECAP1_IC0
PC.10
MFP11
I
Enhanced capture unit 1 input 0 pin.
PE.13
MFP13
I
ECAP1_IC1
PC.11
MFP11
I
Enhanced capture unit 1 input 1 pin.
PE.12
MFP13
I
ECAP1_IC2
PC.12
MFP11
I
Enhanced capture unit 1 input 2 pin.
PE.11
MFP13
I
I2C0
I2C0_SCL
PB.5
MFP6
I/O
I2C0 clock pin.
PC.12
MFP4
I/O
PF.3
MFP4
I/O
PE.13
MFP4
I/O
PA.5
MFP9
I/O
PC.1
MFP9
I/O
PD.7
MFP4
I/O
I2C0_SDA
PB.4
MFP6
I/O
I2C0 data input/output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com