Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 171 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 171 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 167Page - Nuvoton Technology Corporation M263 Datasheet HTML 168Page - Nuvoton Technology Corporation M263 Datasheet HTML 169Page - Nuvoton Technology Corporation M263 Datasheet HTML 170Page - Nuvoton Technology Corporation M263 Datasheet HTML 171Page - Nuvoton Technology Corporation M263 Datasheet HTML 172Page - Nuvoton Technology Corporation M263 Datasheet HTML 173Page - Nuvoton Technology Corporation M263 Datasheet HTML 174Page - Nuvoton Technology Corporation M263 Datasheet HTML 175Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 171 of 398
Rev 1.02
Pin Name
Type
MFP
Description
BPWM1_CH3
I/O
MFP10
BPWM1 channel 3 output/capture input.
SPI3_MOSI
I/O
MFP11
SPI3 MOSI (Master Out, Slave In) pin.
INT6
I
MFP13
External interrupt 6 input pin.
PB.9
PB.9
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH9
A
MFP1
EADC0 channel 9 analog input.
EBI_ADR18
O
MFP2
EBI address bus bit 18.
USCI1_CTL1
I/O
MFP4
USCI1 control 1 pin.
UART0_TXD
O
MFP5
UART0 data transmitter output pin.
UART1_nCTS
I
MFP6
UART1 clear to Send input pin.
I2C1_SMBAL
O
MFP7
I
2C1 SMBus SMBALTER pin
BPWM1_CH2
I/O
MFP10
BPWM1 channel 2 output/capture input.
SPI3_MISO
I/O
MFP11
SPI3 MISO (Master In, Slave Out) pin.
INT7
I
MFP13
External interrupt 7 input pin.
PB.10
PB.10
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH10
A
MFP1
EADC0 channel 10 analog input.
EBI_ADR17
O
MFP2
EBI address bus bit 17.
USCI1_CTL0
I/O
MFP4
USCI1 control 0 pin.
UART0_nRTS
O
MFP5
UART0 request to Send output pin.
UART4_RXD
I
MFP6
UART4 data receiver input pin.
I2C1_SDA
I/O
MFP7
I
2C1 data input/output pin.
BPWM1_CH1
I/O
MFP10
BPWM1 channel 1 output/capture input.
SPI3_SS
I/O
MFP11
SPI3 slave select pin.
PB.11
PB.11
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH11
A
MFP1
EADC0 channel 11 analog input.
EBI_ADR16
O
MFP2
EBI address bus bit 16.
UART0_nCTS
I
MFP5
UART0 clear to Send input pin.
UART4_TXD
O
MFP6
UART4 data transmitter output pin.
I2C1_SCL
I/O
MFP7
I
2C1 clock pin.
SPI0_I2SMCLK
I/O
MFP9
SPI0 I
2S master clock output pin
BPWM1_CH0
I/O
MFP10
BPWM1 channel 0 output/capture input.
SPI3_CLK
I/O
MFP11
SPI3 serial clock pin.
PB.12
PB.12
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH12
A
MFP1
EADC0 channel 12 analog input.
DAC0_OUT
A
MFP1
DAC0 channel analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com