Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 176 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 176 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 172Page - Nuvoton Technology Corporation M263 Datasheet HTML 173Page - Nuvoton Technology Corporation M263 Datasheet HTML 174Page - Nuvoton Technology Corporation M263 Datasheet HTML 175Page - Nuvoton Technology Corporation M263 Datasheet HTML 176Page - Nuvoton Technology Corporation M263 Datasheet HTML 177Page - Nuvoton Technology Corporation M263 Datasheet HTML 178Page - Nuvoton Technology Corporation M263 Datasheet HTML 179Page - Nuvoton Technology Corporation M263 Datasheet HTML 180Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 176 of 398
Rev 1.02
Pin Name
Type
MFP
Description
BPWM1_CH4
I/O
MFP12
BPWM1 channel 4 output/capture input.
PC.9
PC.9
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR7
O
MFP2
EBI address bus bit 7.
SPI3_SS
I/O
MFP6
SPI3 slave select pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
EPWM1_CH3
I/O
MFP12
EPWM1 channel 3 output/capture input.
PC.10
PC.10
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR6
O
MFP2
EBI address bus bit 6.
SPI3_CLK
I/O
MFP6
SPI3 serial clock pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
ECAP1_IC0
I
MFP11
Enhanced capture unit 1 input 0 pin.
EPWM1_CH2
I/O
MFP12
EPWM1 channel 2 output/capture input.
PC.11
PC.11
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR5
O
MFP2
EBI address bus bit 5.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
I2C0_SDA
I/O
MFP4
I
2C0 data input/output pin.
SPI3_MOSI
I/O
MFP6
SPI3 MOSI (Master Out, Slave In) pin.
ECAP1_IC1
I
MFP11
Enhanced capture unit 1 input 1 pin.
EPWM1_CH1
I/O
MFP12
EPWM1 channel 1 output/capture input.
ACMP1_O
O
MFP14
Analog comparator 1 output pin.
PC.12
PC.12
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR4
O
MFP2
EBI address bus bit 4.
UART0_TXD
O
MFP3
UART0 data transmitter output pin.
I2C0_SCL
I/O
MFP4
I
2C0 clock pin.
SPI3_MISO
I/O
MFP6
SPI3 MISO (Master In, Slave Out) pin.
SC0_nCD
I
MFP9
Smart Card 0 card detect pin.
ECAP1_IC2
I
MFP11
Enhanced capture unit 1 input 2 pin.
EPWM1_CH0
I/O
MFP12
EPWM1 channel 0 output/capture input.
ACMP0_O
O
MFP14
Analog comparator 0 output pin.
PC.13
PC.13
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR10
O
MFP2
EBI address bus bit 10.
SC2_nCD
I
MFP3
Smart Card 2 card detect pin.
SPI2_I2SMCLK
I/O
MFP4
SPI2 I
2S master clock output pin
USCI0_CTL0
I/O
MFP6
USCI0 control 0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com