Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 194 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 194 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 190Page - Nuvoton Technology Corporation M263 Datasheet HTML 191Page - Nuvoton Technology Corporation M263 Datasheet HTML 192Page - Nuvoton Technology Corporation M263 Datasheet HTML 193Page - Nuvoton Technology Corporation M263 Datasheet HTML 194Page - Nuvoton Technology Corporation M263 Datasheet HTML 195Page - Nuvoton Technology Corporation M263 Datasheet HTML 196Page - Nuvoton Technology Corporation M263 Datasheet HTML 197Page - Nuvoton Technology Corporation M263 Datasheet HTML 198Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 194 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
UART2_RXD
I
MFP7
UART2 data receiver input pin.
BPWM0_CH5
I/O
MFP9
BPWM0 channel 5 output/capture input.
QEI0_INDEX
I
MFP10
Quadrature encoder 0 index input
CLKO
O
MFP13
Clock Out
EADC0_ST
I
MFP14
EADC0 external trigger input.
INT5
I
MFP15
External interrupt 5 input pin.
19 PD.11
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS1
O
MFP2
EBI chip select 1 output pin.
UART1_TXD
O
MFP3
UART1 data transmitter output pin.
CAN0_TXD
O
MFP4
CAN0 bus transmitter output.
QEI0_A
I
MFP10
Quadrature encoder 0 phase A input
INT6
I
MFP15
External interrupt 6 input pin.
20 PD.10
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS2
O
MFP2
EBI chip select 2 output pin.
UART1_RXD
I
MFP3
UART1 data receiver input pin.
CAN0_RXD
I
MFP4
CAN0 bus receiver input.
QEI0_B
I
MFP10
Quadrature encoder 0 phase B input
INT7
I
MFP15
External interrupt 7 input pin.
21 PG.2
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR11
O
MFP2
EBI address bus bit 11.
SPI2_SS
I/O
MFP3
SPI2 slave select pin.
I2C0_SMBAL
O
MFP4
I
2C0 SMBus SMBALTER pin
I2C1_SCL
I/O
MFP5
I
2C1 clock pin.
TM0
I/O
MFP13
Timer0 event counter input/toggle output pin.
22 PG.3
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR12
O
MFP2
EBI address bus bit 12.
SPI2_CLK
I/O
MFP3
SPI2 serial clock pin.
I2C0_SMBSUS
O
MFP4
I
2C0 SMBus SMBSUS pin (PMBus CONTROL pin)
I2C1_SDA
I/O
MFP5
I
2C1 data input/output pin.
TM1
I/O
MFP13
Timer1 event counter input/toggle output pin.
23 PG.4
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR13
O
MFP2
EBI address bus bit 13.
SPI2_MISO
I/O
MFP3
SPI2 MISO (Master In, Slave Out) pin.
TM2
I/O
MFP13
Timer2 event counter input/toggle output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com