Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 202 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 202 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 198Page - Nuvoton Technology Corporation M263 Datasheet HTML 199Page - Nuvoton Technology Corporation M263 Datasheet HTML 200Page - Nuvoton Technology Corporation M263 Datasheet HTML 201Page - Nuvoton Technology Corporation M263 Datasheet HTML 202Page - Nuvoton Technology Corporation M263 Datasheet HTML 203Page - Nuvoton Technology Corporation M263 Datasheet HTML 204Page - Nuvoton Technology Corporation M263 Datasheet HTML 205Page - Nuvoton Technology Corporation M263 Datasheet HTML 206Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 202 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
UART1_nCTS
I
MFP8
UART1 clear to Send input pin.
I2C2_SCL
I/O
MFP9
I
2C2 clock pin.
BPWM0_CH1
I/O
MFP12
BPWM0 channel 1 output/capture input.
EPWM0_CH4
I/O
MFP13
EPWM0 channel 4 output/capture input.
DAC1_ST
I
MFP15
DAC1 external trigger input.
14
30
60 PA.0
I/O
MFP0
General purpose digital I/O pin.
QSPI0_MOSI0
I/O
MFP3
QSPI0 MOSI0 (Master Out, Slave In) pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
SC0_CLK
O
MFP6
Smart Card 0 clock pin.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
UART1_nRTS
O
MFP8
UART1 request to Send output pin.
I2C2_SDA
I/O
MFP9
I
2C2 data input/output pin.
BPWM0_CH0
I/O
MFP12
BPWM0 channel 0 output/capture input.
EPWM0_CH5
I/O
MFP13
EPWM0 channel 5 output/capture input.
DAC0_ST
I
MFP15
DAC0 external trigger input.
15
31
61 VDDIO
P
MFP0
Power supply for PA.0~PA.5.
62 PE.14
I/O
MFP0
General purpose digital I/O pin.
EBI_AD8
I/O
MFP2
EBI address/data bus bit 8.
UART2_TXD
O
MFP3
UART2 data transmitter output pin.
CAN0_TXD
O
MFP4
CAN0 bus transmitter output.
63 PE.15
I/O
MFP0
General purpose digital I/O pin.
EBI_AD9
I/O
MFP2
EBI address/data bus bit 9.
UART2_RXD
I
MFP3
UART2 data receiver input pin.
CAN0_RXD
I
MFP4
CAN0 bus receiver input.
16
32
64 nRESET
I
MFP0
External reset input: active LOW, with an internal pull-up.
Set this pin low reset to initial state.
Note:
It is recommended to use 10 kΩ pull-up resistor and
10 uF capacitor on nRESET pin.
17
33
65 PF.0
I/O
MFP0
General purpose digital I/O pin.
UART1_TXD
O
MFP2
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP3
I
2C1 clock pin.
BPWM1_CH0
I/O
MFP12
BPWM1 channel 0 output/capture input.
ICE_DAT
O
MFP14
Serial wired debugger data pin.
Note: It is recommended to use 100 k
Ω pull-up resistor on
ICE_DAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com