Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 210 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 210 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 206Page - Nuvoton Technology Corporation M263 Datasheet HTML 207Page - Nuvoton Technology Corporation M263 Datasheet HTML 208Page - Nuvoton Technology Corporation M263 Datasheet HTML 209Page - Nuvoton Technology Corporation M263 Datasheet HTML 210Page - Nuvoton Technology Corporation M263 Datasheet HTML 211Page - Nuvoton Technology Corporation M263 Datasheet HTML 212Page - Nuvoton Technology Corporation M263 Datasheet HTML 213Page - Nuvoton Technology Corporation M263 Datasheet HTML 214Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 210 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
102 PE.2
I/O
MFP0
General purpose digital I/O pin.
EBI_ALE
O
MFP2
EBI address latch enable output pin.
SD0_DAT0
I/O
MFP3
SD/SDIO0 data line bit 0.
SPI3_MOSI
I/O
MFP5
SPI3 MOSI (Master Out, Slave In) pin.
SC0_CLK
O
MFP6
Smart Card 0 clock pin.
USCI0_CLK
I/O
MFP7
USCI0 clock pin.
QEI0_B
I
MFP11
Quadrature encoder 0 phase B input
EPWM0_CH5
I/O
MFP12
EPWM0 channel 5 output/capture input.
BPWM0_CH0
I/O
MFP13
BPWM0 channel 0 output/capture input.
103 VSS
P
MFP0
Ground pin for digital circuit.
104 VDD
P
MFP0
Power supply for I/O ports and LDO source for internal
PLL and digital circuit.
105 PE.1
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
QSPI0_MISO0
I/O
MFP3
QSPI0 MISO0 (Master In, Slave Out) pin.
SC2_DAT
I/O
MFP4
Smart Card 2 data pin.
I2S0_BCLK
O
MFP5
I
2S0 bit clock output pin.
SPI1_MISO
I/O
MFP6
SPI1 MISO (Master In, Slave Out) pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
I2C1_SCL
I/O
MFP8
I
2C1 clock pin.
UART4_nCTS
I
MFP9
UART4 clear to Send input pin.
106 PE.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
QSPI0_MOSI0
I/O
MFP3
QSPI0 MOSI0 (Master Out, Slave In) pin.
SC2_CLK
O
MFP4
Smart Card 2 clock pin.
I2S0_MCLK
O
MFP5
I
2S0 master clock output pin.
SPI1_MOSI
I/O
MFP6
SPI1 MOSI (Master Out, Slave In) pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
I2C1_SDA
I/O
MFP8
I
2C1 data input/output pin.
UART4_nRTS
O
MFP9
UART4 request to Send output pin.
107 PH.8
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
QSPI0_CLK
I/O
MFP3
QSPI0 serial clock pin.
SC2_PWR
O
MFP4
Smart Card 2 power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com