Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 215 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 215 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 211Page - Nuvoton Technology Corporation M263 Datasheet HTML 212Page - Nuvoton Technology Corporation M263 Datasheet HTML 213Page - Nuvoton Technology Corporation M263 Datasheet HTML 214Page - Nuvoton Technology Corporation M263 Datasheet HTML 215Page - Nuvoton Technology Corporation M263 Datasheet HTML 216Page - Nuvoton Technology Corporation M263 Datasheet HTML 217Page - Nuvoton Technology Corporation M263 Datasheet HTML 218Page - Nuvoton Technology Corporation M263 Datasheet HTML 219Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 215 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
I2C1_SMBSUS
O
MFP7
I
2C1 SMBus SMBSUS pin (PMBus CONTROL pin)
BPWM1_CH3
I/O
MFP10
BPWM1 channel 3 output/capture input.
SPI3_MOSI
I/O
MFP11
SPI3 MOSI (Master Out, Slave In) pin.
INT6
I
MFP13
External interrupt 6 input pin.
64 127 PB.7
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH7
A
MFP1
EADC0 channel 7 analog input.
EBI_nWRL
O
MFP2
EBI low byte write enable output pin.
USCI1_DAT0
I/O
MFP4
USCI1 data 0 pin.
UART1_TXD
O
MFP6
UART1 data transmitter output pin.
EBI_nCS0
O
MFP8
EBI chip select 0 output pin.
BPWM1_CH4
I/O
MFP10
BPWM1 channel 4 output/capture input.
EPWM1_BRAKE0
I
MFP11
EPWM1 Brake 0 input pin.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.
INT5
I
MFP13
External interrupt 5 input pin.
USB_VBUS_ST
I
MFP14
USB external VBUS regulator status pin.
ACMP0_O
O
MFP15
Analog comparator 0 output pin.
1
128 PB.6
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH6
A
MFP1
EADC0 channel 6 analog input.
EBI_nWRH
O
MFP2
EBI high byte write enable output pin
USCI1_DAT1
I/O
MFP4
USCI1 data 1 pin.
UART1_RXD
I
MFP6
UART1 data receiver input pin.
EBI_nCS1
O
MFP8
EBI chip select 1 output pin.
BPWM1_CH5
I/O
MFP10
BPWM1 channel 5 output/capture input.
EPWM1_BRAKE1
I
MFP11
EPWM1 Brake 1 input pin.
EPWM1_CH5
I/O
MFP12
EPWM1 channel 5 output/capture input.
INT4
I
MFP13
External interrupt 4 input pin.
USB_VBUS_EN
O
MFP14
USB external VBUS regulator enable pin.
ACMP1_O
O
MFP15
Analog comparator 1 output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com