Electronic Components Datasheet Search
  English  ▼

X  

ADC3541 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 18Page - Texas Instruments ADC3541 Datasheet HTML 19Page - Texas Instruments ADC3541 Datasheet HTML 20Page - Texas Instruments ADC3541 Datasheet HTML 21Page - Texas Instruments ADC3541 Datasheet HTML 22Page - Texas Instruments ADC3541 Datasheet HTML 23Page - Texas Instruments ADC3541 Datasheet HTML 24Page - Texas Instruments ADC3541 Datasheet HTML 25Page - Texas Instruments ADC3541 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
7.3.1.3 Auto-Zero Feature
The ADC354x includes an internal auto-zero front end amplifier circuit which improves the 1/f flicker noise. This
auto-zero feature is enabled by default for the ADC3541/2 and can be enabled using SPI register writes for the
ADC3543 (register 0x11, D0). The feature works great for ADC sampling rates up to about 40 MSPS.
Frequency (MHz)
0
2.5
5
7.5
10
12.5
-160
-140
-120
-100
-80
-60
-40
-20
0
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-8. FFT at 25 MSPS with input frequency of
3 MHz (auto-zero feature enable vs disable, 4M
point FFT)
Frequency (kHz)
0.01
0.1
1
10
100
1000
-160
-150
-140
-130
-120
-110
-100
-90
-80
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-9. FFT at 25 MSPS with input frequency of
3 MHz (auto-zero feature enable vs disable, 4M
point FFT)
Frequency (MHz)
0
5
10
15
20
-160
-140
-120
-100
-80
-60
-40
-20
0
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-10. FFT at 40 MSPS with input frequency
of 3 MHz (auto-zero feature enable vs disable, 4M
point FFT)
Frequency (kHz)
0.01
0.1
1
10
100
1000
-160
-150
-140
-130
-120
-110
-100
-90
-80
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-11. FFT at 40 MSPS with input frequency
of 3 MHz (auto-zero feature enabled vs disabled,
4M point FFT)
ADC3541
SBAS840 – JULY 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com