Electronic Components Datasheet Search
  English  ▼

X  

ADC3541 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 34Page - Texas Instruments ADC3541 Datasheet HTML 35Page - Texas Instruments ADC3541 Datasheet HTML 36Page - Texas Instruments ADC3541 Datasheet HTML 37Page - Texas Instruments ADC3541 Datasheet HTML 38Page - Texas Instruments ADC3541 Datasheet HTML 39Page - Texas Instruments ADC3541 Datasheet HTML 40Page - Texas Instruments ADC3541 Datasheet HTML 41Page - Texas Instruments ADC3541 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
7.3.5.5 Output Interface/Mode Configuration
The following sequence summarizes all the relevant registers for changing the output interface and/or enabling
the decimation filter. Steps 1 and 2 must come first since the E-Fuse load reset the SPI writes, the remaining
steps can come in any order.
Table 7-10. Configuration steps for changing interface or decimation
STEP
FEATURE
ADDRESS
DESCRIPTION
1
Output
Interface
0x07
Select the output interface bit mapping depending on resolution and output interface.
Output Resolution
SDR
DDR
2-wire
1-wire
14-bit
0xC8
0xA9
0x2B
0x6C
16-bit
0x4B
18-bit
N/A
N/A
0x2B
20-bit
N/A
N/A
TBD
TBD
2
0x13
Load the output interface bit mapping using the E-fuse loader (0x13, D0). Program register 0x13
to 0x01, wait ~ 1ms so that bit mapping is loaded properly followed by 0x13 0x00
3
0x0A/B/C
Power down relevant CMOS output buffers to avoid contention.
4
0x18
For serial CMOS modes, DCLKIN EN (D4) needs to be enabled.
5
0x19
In serial CMOS, configure the FCLK registers based on bypass/decimation and # of lanes used.
Bypass/Decimation
SCMOS
FCLK SRC
(D7)
FCLK DIV
(D4)
Bypass/ Real Decimation
2-wire
0
1
1-wire
0
0
Complex Decimation
2-wire
1
0
1-wire
1
0
6
0x1B
Select the output interface resolution using the bit mapper (D5-D3).
7
0x1F
For serial CMOS modes, DCLKIN EN (D6) and DCLK OB EN (D4) need to be enabled.
8
0x20
0x21
0x22
In serial CMOS, select the FCLK pattern for decimation for proper duty cycle output of the FCLK.
Decimation
Output
Resolution
2-wire
1-wire
Real Decimation
14-bit
use default
0xFE000
16-bit
0xFF000
18-bit
0xFF800
Complex Decimation
14-bit
0xFFFFF
16-bit
0xFFFFF
18-bit
0xFFFFF
9
Decimation
Filter
0x24
Enable the decimation filter
10
0x25
Configure the decimation filter
11
0x2A/B/C/D
0x31/2/3/4
Program the NCO frequency for complex decimation (can be skipped for real decimation)
12
0x27
0x2E
Configure the complex output data stream (set both bits to 0 for real decimation)
Serial CMOS
OP-Order (D4)
Q-Delay (D3)
2-wire
1
0
1-wire
0
1
13
0x26
Set the mixer gain and toggle the mixer reset bit to update the NCO frequency.
ADC3541
SBAS840 – JULY 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com