Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 2 Page - Texas Instruments

  AWR6843 Datasheet HTML 1Page - Texas Instruments AWR6843 Datasheet HTML 2Page - Texas Instruments AWR6843 Datasheet HTML 3Page - Texas Instruments AWR6843 Datasheet HTML 4Page - Texas Instruments AWR6843 Datasheet HTML 5Page - Texas Instruments AWR6843 Datasheet HTML 6Page - Texas Instruments AWR6843 Datasheet HTML 7Page - Texas Instruments AWR6843 Datasheet HTML 8Page - Texas Instruments AWR6843 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
IF
ADC
Digital
Front-End
(Decimation
Filter Chain)
LNA
IF
ADC
LNA
IF
ADC
LNA
IF
ADC
LNA
PA
û-
PA
û-
Synth
(20 GHz)
Ramp
Generator
x3
Osc.
Radio (BIST)
Processor
(For RF Calibration
& Self-Test ± TI
Programmed)
Prog RAM
& ROM
Data
RAM
GPADC
VMON
Temp
Cortex R4F
@ 200MHz
(User Programmable)
Prog RAM
(512kB*)
Data RAM
(192kB*)
Boot
ROM
QSPI
SPI
SPI / I2C
UARTs
CAN-FD
DMA
Test/
Debug
ADC
Buffer
LVDS
RF/Analog Sub-System
Radio Processor
Sub-System
(TI Programmed)
Master Sub-System
(Customer Programmed)
Serial Flash Interface
Optional External
MCU Interface
PMIC Control
Primary Communication
Interfaces (Automotive)
JTAG For Debug/
Development
High-Speed ADC Output
Interface (For Recording)
* Up To 512kB Of Radar Data Memory Can Be Switched To The Master R4F Program And Data RAMs
6
CAN-FD
DSP Sub-System
(Customer Programmed)
Mailbox
HIL
High-Speed Input For
Hardware-In-Loop Verification
C674x DSP
@ 600 MHz
L1P
(32kB)
L1D
(32kB)
L2 (256kB)
DMA
CRC
Radar Data Memory
768 kB*
PA
û-
Radar Hardware Accelerator
(FFT, Log Mag, And Others)
2
AWR6843
SWRS248 – APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR6843
Device Overview
Copyright © 2020, Texas Instruments Incorporated
(1)
For more information, see Section 9 , Mechanical, Packaging, and Orderable information.
1.3
Description
The AWR6843 is an integrated single chip mmWave sensor based on FMCW radar technology capable of
operation in the 60-GHz to 64-GHz band. It is built with TI’s low power45-nm RFCMOS process and
enables unprecedented levels of integration in an extremely small formfactor. The AWR6843 is an ideal
solution for low power, self-monitored, ultra-accurate radar systems in the automotive space.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE
XA6843ABGABL
FCBGA (161)
10.4 mm × 10.4mm
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com