Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 17Page - Texas Instruments AWR6843 Datasheet HTML 18Page - Texas Instruments AWR6843 Datasheet HTML 19Page - Texas Instruments AWR6843 Datasheet HTML 20Page - Texas Instruments AWR6843 Datasheet HTML 21Page - Texas Instruments AWR6843 Datasheet HTML 22Page - Texas Instruments AWR6843 Datasheet HTML 23Page - Texas Instruments AWR6843 Datasheet HTML 24Page - Texas Instruments AWR6843 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
21
AWR6843
www.ti.com
SWRS248 – APRIL 2020
Submit Documentation Feedback
Product Folder Links: AWR6843
Terminal Configuration and Functions
Copyright © 2020, Texas Instruments Incorporated
4.3
Signal Descriptions
Table 4-4. Signal Descriptions - Digital
SIGNAL NAME
PIN TYPE
DESCRIPTION
BALL NO.
BSS_UART_TX
O
Debug UART Transmit [Radar Block]
F14, H14, K13, N10, N13,
N4, N5, R8
CAN1_FD_RX
I
CAN1 FD (MCAN) Receive Signal
D13, F14, N10, N4, P12
CAN1_FD_TX
O
CAN1 FD (MCAN) Transmit Signal
E14, H14, N5, P10, R14
CAN2_FD_RX
I
CAN2 FD (MCAN) Receive Signal
E13
CAN2_FD_TX
IO
CAN2 FD (MCAN) Transmit Signal
E15
DMM0
I
Debug Interface (Hardware In Loop) - Data Line
R4
DMM1
I
Debug Interface (Hardware In Loop) - Data Line
P5
DMM2
I
Debug Interface (Hardware In Loop) - Data Line
R5
DMM3
I
Debug Interface (Hardware In Loop) - Data Line
P6
DMM4
I
Debug Interface (Hardware In Loop) - Data Line
R7
DMM5
I
Debug Interface (Hardware In Loop) - Data Line
P7
DMM6
I
Debug Interface (Hardware In Loop) - Data Line
R8
DMM7
I
Debug Interface (Hardware In Loop) - Data Line
P8
DMM_CLK
I
Debug Interface (Hardware In Loop) - Clock
N15
DMM_MUX_IN
I
Debug Interface (Hardware In Loop) Mux Select between DMM1 and
DMM2 (Two Instances)
G13, J13, P4
DMM_SYNC
I
Debug Interface (Hardware In Loop) - Sync
N14
DSS_UART_TX
O
Debug UART Transmit [DSP]
D13, E13, G14, P8, R12
EPWM1A
O
PWM Module 1 - Output A
N5, N8
EPWM1B
O
PWM Module 1 - Output B
H13, N5, P9
EPWM1SYNCI
I
J13
EPWM2A
O
PWM Module 2- Output A
H13, N4, N5, P9
EPWM2B
O
PWM Module 2 - Output B
N4
EPWM2SYNCO
O
R7
EPWM3A
O
PWM Module 3 - Output A
N4
EPWM3SYNCO
O
P6
GPIO_0
IO
General-purpose I/O
H13
GPIO_1
IO
General-purpose I/O
J13
GPIO_2
IO
General-purpose I/O
K13
GPIO_3
IO
General-purpose I/O
E13
GPIO_4
IO
General-purpose I/O
H14
GPIO_5
IO
General-purpose I/O
F14
GPIO_6
IO
General-purpose I/O
P11
GPIO_7
IO
General-purpose I/O
R12
GPIO_8
IO
General-purpose I/O
R13
GPIO_9
IO
General-purpose I/O
N12
GPIO_10
IO
General-purpose I/O
R14
GPIO_11
IO
General-purpose I/O
P12
GPIO_12
IO
General-purpose I/O
P13
GPIO_13
IO
General-purpose I/O
H13
GPIO_14
IO
General-purpose I/O
N5
GPIO_15
IO
General-purpose I/O
N4
GPIO_16
IO
General-purpose I/O
J13
GPIO_17
IO
General-purpose I/O
P10
GPIO_18
IO
General-purpose I/O
N10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com