Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 55Page - Texas Instruments AWR6843 Datasheet HTML 56Page - Texas Instruments AWR6843 Datasheet HTML 57Page - Texas Instruments AWR6843 Datasheet HTML 58Page - Texas Instruments AWR6843 Datasheet HTML 59Page - Texas Instruments AWR6843 Datasheet HTML 60Page - Texas Instruments AWR6843 Datasheet HTML 61Page - Texas Instruments AWR6843 Datasheet HTML 62Page - Texas Instruments AWR6843 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
59
AWR6843
www.ti.com
SWRS248 – APRIL 2020
Submit Documentation Feedback
Product Folder Links: AWR6843
Detailed Description
Copyright © 2020, Texas Instruments Incorporated
6.3.4
Host Interface
The host interface can be provided through a SPI, UART, or CAN-FD interface. In some cases the serial
interface for automotive applications is transcoded to a different serial standard.
This device communicates with the host radar processor over the following main interfaces:
•
Reference Clock – Reference clock available for host processor after device wakeup
•
Control – 4-port standard SPI (slave) for host control. All radio control commands (and response) flow
through this interface.
•
Reset – Active-low reset for device wakeup from host
•
Host Interrupt - an indication that the mmwave sensor needs host interface
•
Error – Used for notifying the host in case the radio controller detects a fault
6.3.5
Master Subsystem Cortex-R4F
The master system includes an ARM Cortex R4F processor, clock with a maximum operating frequency of
200 MHz. User applications executing on this processor control the overall operation of the device,
including radar control through well-defined API messages, radar signal processing (assisted by the radar
hardware accelerator), and peripherals for external interfaces.
See the Technical Reference Manual for a complete description and memory map.
6.3.6
DSP Subsystem
The DSP subsystem includes TI’s standard TMS320C674x megamodule and several blocks of internal
memory (L1P, L1D, and L2). For complete information including memory map, please refer to Technical
Reference Manual.
6.3.7
Hardware Accelerator
The Radar Hardware Accelerator (HWA) is an IP that enables off-loading the burden of certain frequently
used computations in FMCW radar signal processing from the main processor. FMCW radar signal
processing involves the use of FFT and Log-Magnitude computations to obtain a radar image across the
range, velocity, and angle dimensions. Some of the frequently used functions in FMCW radar signal
processing can be done within the radar hardware accelerator, while still retaining the flexibility of
implementing other proprietary algorithms in the main processor. See the Radar Hardware Accelerator
User's Guide for a functional description and features of this module and see the Technical Reference
Manual for a complete list of register and memory map.
6.4
Other Subsystems
6.4.1
ADC Channels (Service) for User Application
The AWR6843 device includes provision for an ADC service for user application, where the
GPADC engine present inside the device can be used to measure up to six external voltages. The ADC1,
ADC2, ADC3, ADC4, ADC5, and ADC6 pins are used for this purpose.
•
ADC itself is controlled by TI firmware running inside the BIST subsystem and access to it for
customer’s external voltage monitoring purpose is via ‘monitoring API’ calls routed to the BIST
subsystem. This API could be linked with the user application running on the Master R4.
•
BIST subsystem firmware will internally schedule these measurements along with other RF and Analog
monitoring operations. The API allows configuring the settling time (number of ADC samples to skip)
and number of consecutive samples to take. At the end of a frame, the minimum, maximum and
average of the readings will be reported for each of the monitored voltages.
GPADC Specifications:
•
625 Ksps SAR ADC
•
0 to 1.8V input range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com