Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 28Page - Texas Instruments AWR6843 Datasheet HTML 29Page - Texas Instruments AWR6843 Datasheet HTML 30Page - Texas Instruments AWR6843 Datasheet HTML 31Page - Texas Instruments AWR6843 Datasheet HTML 32Page - Texas Instruments AWR6843 Datasheet HTML 33Page - Texas Instruments AWR6843 Datasheet HTML 34Page - Texas Instruments AWR6843 Datasheet HTML 35Page - Texas Instruments AWR6843 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
f 2
L
f1
P
f1
f 2
C
C
C
C
C
C
=
´
+
+
40 MHz
XTALP
XTALM
Cf1
Cf2
Cp
32
AWR6843
SWRS248 – APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR6843
Specifications
Copyright © 2020, Texas Instruments Incorporated
(1)
The crystal manufacturer's specification must satisfy this requirement.
(2)
Includes initial tolerance of the crystal, drift over temperature, aging and frequency pulling due to incorrect load capacitance.
(3)
Crystal tolerance affects radar sensor accuracy.
5.10.2 Input Clocks and Oscillators
5.10.2.1 Clock Specifications
The AWR6843 requires external clock source (that is, a 40-MHz crystal or external oscillator to CLKP) for
initial boot and as a reference for an internal APLL hosted in the device. An external crystal is connected
to the device pins. Figure 5-2 shows the crystal implementation.
Figure 5-2. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 5-2, should be chosen such that Equation 1 is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to
the associated oscillator CLKP and CLKM pins.
(1)
Table 5-4 lists the electrical characteristics of the clock crystal.
Table 5-4. Crystal Electrical Characteristics (Oscillator Mode)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fP
Parallel resonance crystal frequency
40
MHz
CL
Crystal load capacitance
5
8
12
pF
ESR
Crystal ESR
50
Ω
Temperature range Expected temperature range of operation
–40
105
ºC
Frequency
tolerance
Crystal frequency tolerance(1)(2)(3)
–50
50
ppm
Drive level
50
200
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com